Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSFF5410 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce TSFF5410
Description  High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSFF5410 Fiches technique(HTML) 3 Page - Vishay Siliconix

  TSFF5410 Datasheet HTML 1Page - Vishay Siliconix TSFF5410 Datasheet HTML 2Page - Vishay Siliconix TSFF5410 Datasheet HTML 3Page - Vishay Siliconix TSFF5410 Datasheet HTML 4Page - Vishay Siliconix TSFF5410 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TSFF5410
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 24-Aug-11
3
Document Number: 81091
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 3 - Pulse Forward Current vs. Pulse Duration
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Radiant Intensity vs. Forward Current
Fig. 6 - Relative Radiant Power vs. Wavelength
Fig. 7 - Relative Radiant Intensity vs. Angular Displacement
Fig. 8 - Attenuation vs. Frequency
100
1000
0.01
0.1
1
10
100
tp - Pulse Duration (ms)
16031
t
p/T = 0.01
0.05
0.2
0.5
0.1
0.02
T
amb < 50 °C
18873
1000
100
10
1
VF - Forward Voltage (V)
02
4
t
p = 100 µs
t
p/T = 0.001
13
0.1
1
10
100
1000
1
10
100
1000
18220
IF - Forward Current (mA)
780
880
λ - Wavelength (nm)
980
95 9886
0
0.25
0.5
0.75
1.0
1.25
94 8883
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0
0.2
0.4
- 5
- 4
- 3
- 2
- 1
0
1
101
102
103
104
105
f - Frequency (kHz)
14256
I
FDC = 70 mA
I
FAC = 30 mA pp


Numéro de pièce similaire - TSFF5410

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSFF5410 VISHAY-TSFF5410 Datasheet
134Kb / 5P
   High Speed IR Emitting Diode in 5 mm (T-1 3 /4) Package
Rev. 1.4, 23-Jun-04
TSFF5410 VISHAY-TSFF5410 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.6, 21-Jul-08
TSFF5410 VISHAY-TSFF5410 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
TSFF5410 VISHAY-TSFF5410 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5410 VISHAY-TSFF5410 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2023
More results

Description similaire - TSFF5410

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TSMF3710 VISHAY-TSMF3710 Datasheet
129Kb / 8P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.3, 21-Feb-07
TSFF5510 VISHAY-TSFF5510 Datasheet
106Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.0, 07-Feb-08
TSFF6210 VISHAY-TSFF6210_V01 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
VSMF4720 VISHAY-VSMF4720_V01 Datasheet
143Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5210 VISHAY-TSFF5210_V02 Datasheet
112Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2023
TSHA550 VISHAY-TSHA550 Datasheet
138Kb / 7P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.3, 07-Apr-04
TSHF5200 VISHAY-TSHF5200 Datasheet
142Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.5, 08-Mar-05
TSFF5510 VISHAY-TSFF5510_V01 Datasheet
96Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF6410 VISHAY-TSFF6410_V01 Datasheet
103Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5210 VISHAY-TSFF5210_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
TSFF5210 VISHAY-TSFF5210 Datasheet
113Kb / 6P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.5, 28-Nov-06
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com