Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL9000 Fiches technique(PDF) 5 Page - Agilent(Hewlett-Packard)

No de pièce HCPL9000
Description  High Speed Digital Isolators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL9000 Fiches technique(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL9000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL9000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
87
65
4
3
2
1
0.228 (5.80)
0.244 (6.20)
0.189 (4.80)
0.197 (5.00)
0.150 (3.80)
0.157 (4.00)
0.013 (0.33)
0.020 (0.51)
0.040 (1.016)
0.060 (1.524)
0.004 (0.10)
0.010 (0.25)
0.054 (1.37)
0.069 (1.75)
0.016 (0.40)
0.050 (1.27)
0.008 (0.19)
0.010 (0.25)
0.010 (0.25)
0.020 (0.50)
x 45
°
0
°
8
°
DIMENSIONS: INCHES (MILLIMETERS)
MIN
MAX
HCPL-0900, HCPL-0930 and HCPL-0931 Small Outline SO-8 Package
HCPL-900J, HCPL-901J and HCPL-902J Wide Body SOIC-16 Package
1
Pin 1 indent
8
7
° TYP
0.394 (10.007)
0.419 (10.643)
0.397 (10.084)
0.413 (10.490)
0.291 (7.391)
0.299 (7.595)
0.013 (0.330)
0.020 (0.508)
0.040 (1.016)
0.060 (1.524)
0.080 (2.032)
0.100 (2.54)
0.092 (2.337)
0.104 (2.642)
0.004 (0.1016)
0.011 (0.279)
0.016 (0.40)
0.050 (1.27)
0.010 (0.254)
0.020 (0.508)
0.287 (7.290)
0.297 (7.544)
x 45
°
0
° – 8° TYP
7
° TYP
0.009 (0.229)
0.012 (0.305)
DIMENSIONS: INCHES (MILLIMETERS)
MIN
MAX


Numéro de pièce similaire - HCPL9000

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0000E AVAGO-HCPL-0000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0060E AVAGO-HCPL-0060E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-0201 HP-HCPL-0201 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
HCPL-0201 HP-HCPL-0201 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-0201 HP-HCPL-0201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results

Description similaire - HCPL9000

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-090J-000E AVAGO-HCPL-090J-000E Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-0930-000E AVAGO-HCPL-0930-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
logo
Texas Instruments
ISO7231C-Q1 TI1-ISO7231C-Q1 Datasheet
804Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C_09 Datasheet
691Kb / 25P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7230C-Q1 TI-ISO7230C-Q1_15 Datasheet
968Kb / 24P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7230C TI-ISO7230C Datasheet
744Kb / 23P
[Old version datasheet]   HIGH SPEED, TRIPLE DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com