Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMB3EZ16D5 Fiches technique(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SMB3EZ16D5
Description  3.0 Watts Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMB3EZ16D5 Fiches technique(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SMB3EZ16D5 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMB3EZ16D5 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMB3EZ16D5 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMB3EZ16D5 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
SMB3EZxxD5 Series
Voltage 3.3 V ~ 200 V
3.0 Watts Surface Mount Zener Diode
14-Jan-2013 Rev. C
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (Rating 25°C ambient temperature unless otherwise specified)
Nominal Zener
Voltage
Max. Zener Impedance
Max. Reverse
Leakage Current
Max. DC Zener
Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
Part Number
Nom. V
mA
mA
mA
uA
V
mA
SMB3EZ82D5
82
9.1
95
9.1
3000
0.25
0.5
62.2
33
SMB3EZ91D5
91
8.2
115
8.2
3000
0.25
0.5
69.2
30
SMB3EZ100D5
100
7.5
160
7.5
3000
0.25
0.5
76
27
SMB3EZ110D5
110
6.8
225
6.8
4000
0.25
0.5
83.6
25
SMB3EZ120D5
120
6.3
300
6.3
4500
0.25
0.5
91.2
22
SMB3EZ130D5
130
5.8
375
5.8
5000
0.25
0.5
98.8
21
SMB3EZ140D5
140
5.3
475
5.3
5500
0.25
0.5
106.4
19
SMB3EZ150D5
150
5
550
5
6000
0.25
0.5
114
18
SMB3EZ160D5
160
4.7
625
4.7
6500
0.25
0.5
121.6
17
SMB3EZ170D5
170
4.4
650
4.4
7000
0.25
0.5
130.4
16
SMB3EZ180D5
180
4.2
700
4.2
7000
0.25
0.5
136.8
15
SMB3EZ190D5
190
4
800
4
8000
0.25
0.5
144.8
14
SMB3EZ200D5
200
3.7
875
3.7
8000
0.25
0.5
152
13
NOTES:
1.
The type number listed have a standard tolerance on the nominal zener voltage of ±5%.
2.
The reverse surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC
Method.


Numéro de pièce similaire - SMB3EZ16D5

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SMB3EZ16D5 MCC-SMB3EZ16D5 Datasheet
575Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
logo
Anova Technologies CO.,...
SMB3EZ16D5 ANOVA-SMB3EZ16D5 Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
SMB3EZ16D5;3B1;SMB ANOVA-SMB3EZ16D5;3B1;SMB Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
More results

Description similaire - SMB3EZ16D5

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_10 Datasheet
654Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
logo
SeCoS Halbleitertechnol...
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
logo
SeCoS Halbleitertechnol...
SMA4735 SECOS-SMA4735 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB_15 Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com