Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA4736 Fiches technique(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

No de pièce SMA4736
Description  1.0 Watts Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA4736 Fiches technique(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMA4736 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA4736 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA4736 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SMA47xx Series
Voltage 3.3 V ~ 300 V
1.0 Watts Surface Mount Zener Diode
21-Aug-2017 Rev. C
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS Rating 25°C ambient temperature unless otherwise sp ecified.
Nominal Zener
Voltage
Max. Zener Impedance
Max.
Reverse
Leakage Current
Max.
DC
Zener
Max.
Surge
Current
VZ @ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
IRM
PART
NUMBER
Nom.V
mA
mA
mA
uA
V
mA
mApk
SMA4728
3.3
76.0
10.0
76.0
400
1.00
100.0
1.0
276.0
1380
SMA4733
5.1
49.0
7.0
49.0
550
1.00
10.0
1.0
178.0
890
SMA4734
5.6
45.0
5.0
45.0
600
1.00
10.0
2.0
161.0
805
SMA4735
6.2
41.0
2.0
41.0
700
1.00
10.0
3.0
146.0
730
SMA4736
6.8
37.0
3.5
37.0
700
1.00
10.0
4.0
133.0
660
SMA4737
7.5
34.0
4.0
34.0
700
0.50
10.0
5.0
121.0
605
SMA4738
8.2
31.0
4.5
31.0
700
0.50
10.0
6.0
110.0
550
SMA4739
9.1
28.0
5.0
28.0
700
0.50
10.0
7.0
100.0
500
SMA4740
10.0
25.0
7.0
25.0
700
0.25
10.0
7.6
91.0
454
SMA4741
11.0
23.0
8.0
23.0
700
0.25
5.0
8.4
83.0
414
SMA4742
12.0
21.0
9.0
21.0
700
0.25
5.0
9.1
76.0
380
SMA4743
13.0
19.0
10.0
19.0
700
0.25
5.0
9.9
69.0
344
SMA4744
15.0
17.0
14.0
17.0
700
0.25
5.0
11.4
61.0
305
SMA4745
16.0
15.5
16.0
15.5
700
0.25
5.0
12.2
57.0
285
SMA4746
18.0
14.0
20.0
14.0
750
0.25
5.0
13.7
50.0
250
SMA4747
20.0
12.5
22.0
12.5
750
0.25
5.0
15.2
45.0
225
SMA4748
22.0
11.5
23.0
11.5
750
0.25
5.0
16.7
41.0
205
SMA4749
24.0
10.5
25.0
10.5
750
0.25
5.0
18.2
38.0
190
SMA4750
27.0
9.5
35.0
9.5
750
0.25
5.0
20.6
34.0
170
SMA4751
30.0
8.5
40.0
8.5
1000
0.25
5.0
22.8
30.0
150
SMA4752
33.0
7.5
45.0
7.5
1000
0.25
5.0
25.1
27.0
135
SMA4753
36.0
7.0
50.0
7.0
1000
0.25
5.0
27.4
25.0
125
SMA4754
39.0
6.5
60.0
6.5
1000
0.25
5.0
29.7
23.0
115
SMA4755
43.0
6.0
70.0
6.0
1500
0.25
5.0
32.7
22.0
110
SMA4756
47.0
5.5
80.0
5.5
1500
0.25
5.0
35.8
19.0
95
SMA4757
51.0
5.0
95.0
5.0
1500
0.25
5.0
38.8
18.0
90
SMA4758
56.0
4.5
110.0
4.5
2000
0.25
5.0
42.6
16.0
80
SMA4759
62.0
4.0
125.0
4.0
2000
0.25
5.0
47.1
14.0
70
SMA4760
68.0
3.7
150.0
3.7
2000
0.25
5.0
51.7
13.0
65
SMA4761
75.0
3.3
175.0
3.3
2000
0.25
5.0
56.0
12.0
60
SMA4762
82.0
3.0
200.0
3.0
3000
0.25
5.0
62.2
11.0
55
SMA4763
91.0
2.8
250.0
2.8
3000
0.25
5.0
69.2
10.0
50
SMA4764
100.0
2.5
350.0
2.5
3000
0.25
5.0
76.0
9.0
45
SMAZ1110
110.0
2.3
450.0
2.3
4000
0.25
5.0
83.6
8.6
40
SMAZ1120
120.0
2.0
550.0
2.0
4500
0.25
5.0
91.2
7.8
37
SMAZ1130
130.0
1.9
700.0
1.9
5000
0.25
5.0
98.8
7.0
34
SMAZ1150
150.0
1.7
1000.0
1.7
6000
0.25
5.0
114.0
6.4
30
SMAZ1160
160.0
1.6
1100.0
1.6
6500
0.25
5.0
121.6
5.8
28
SMAZ1180
180.0
1.4
1200.0
1.4
7000
0.25
5.0
136.8
5.2
25
SMAZ1200
200.0
1.2
1900.0
1.2
9990
0.25
5.0
152.0
4.7
22
SMAZ1300
300.0
0.8
2300.0
0.8
9500
0.25
5.0
228.0
3.0
15
NOTES:
1. The type number listed have a standard tolerance on the nominal zener voltage of ±5%.
2. The reverse surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC.


Numéro de pièce similaire - SMA4736

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SMA4736 SECOS-SMA4736 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
logo
Shanghai Leiditech Elec...
SMA4736A LEIDITECH-SMA4736A Datasheet
966Kb / 3P
   Surface Mount Silicon Zener Diodes
logo
Yangzhou yangjie electr...
SMA4736A YANGJIE-SMA4736A Datasheet
194Kb / 3P
   Zener Diodes
logo
AiT Semiconductor Inc.
SMA4736A AITSEMI-SMA4736A Datasheet
313Kb / 6P
   ZENER DIODE 1W WIDE ZENER VOLTAGE 3.3V TO 330V
REV1.1
logo
Formosa MS
SMA4736A FORMOSA-SMA4736A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
More results

Description similaire - SMA4736

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
SMA4735 SECOS-SMA4735 Datasheet
318Kb / 4P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMA4741 TSC-1SMA4741_1 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
logo
SUNMATE electronic Co.,...
PTZ3.6B SUNMATE-PTZ3.6B Datasheet
299Kb / 2P
   1.0 Watts Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com