Moteur de recherche de fiches techniques de composants électroniques |
|
AM4352N Fiches technique(PDF) 2 Page - Analog Power |
|
AM4352N Fiches technique(HTML) 2 Page - Analog Power |
2 / 5 page Analog Power AM4352N Parameter Symbol Test Conditions Min Typ Max Unit Gate-Source Threshold Voltage VGS(th) VDS = VGS, ID = 250 uA 1 V Gate-Body Leakage IGSS VDS = 0 V, VGS = ±20 V ±100 nA VDS = 120 V, VGS = 0 V 1 VDS = 120 V, VGS = 0 V, TJ = 55°C 10 On-State Drain Current a ID(on) VDS = 5 V, VGS = 10 V 6 A VGS = 10 V, ID = 2 A 125 VGS = 5.5 V, ID = 1.6 A 140 Forward Transconductance a gfs VDS = 15 V, ID = 2 A 12 S Diode Forward Voltage a VSD IS = 2.2 A, VGS = 0 V 0.76 V Total Gate Charge Qg 7 Gate-Source Charge Qgs 1.7 Gate-Drain Charge Qgd 3.6 Turn-On Delay Time td(on) 6 Rise Time tr 8 Turn-Off Delay Time td(off) 29 Fall Time tf 13 Input Capacitance Ciss 626 Output Capacitance Coss 74 Reverse Transfer Capacitance Crss 43 Notes a. Pulse test: PW <= 300us duty cycle <= 2%. b. Guaranteed by design, not subject to production testing. Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer. pF VDS = 15 V, VGS = 0 V, f = 1 Mhz mΩ rDS(on) nC VDS = 75 V, RL = 37.5 Ω, ID = 2 A, VGEN = 10 V, RGEN = 6 Ω VDS = 75 V, VGS = 5.5 V, ID = 2 A Drain-Source On-Resistance a Zero Gate Voltage Drain Current Static uA Electrical Characteristics IDSS Dynamic b ns © Preliminary 2 Publication Order Number: DS_AM4352N_1A |
Numéro de pièce similaire - AM4352N |
|
Description similaire - AM4352N |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |