Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS81302DT11E-400I Fiches technique(PDF) 9 Page - GSI Technology

No de pièce GS81302DT11E-400I
Description  JEDEC-standard pinout and package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81302DT11E-400I Fiches technique(HTML) 9 Page - GSI Technology

Back Button GS81302DT11E-400I Datasheet HTML 5Page - GSI Technology GS81302DT11E-400I Datasheet HTML 6Page - GSI Technology GS81302DT11E-400I Datasheet HTML 7Page - GSI Technology GS81302DT11E-400I Datasheet HTML 8Page - GSI Technology GS81302DT11E-400I Datasheet HTML 9Page - GSI Technology GS81302DT11E-400I Datasheet HTML 10Page - GSI Technology GS81302DT11E-400I Datasheet HTML 11Page - GSI Technology GS81302DT11E-400I Datasheet HTML 12Page - GSI Technology GS81302DT11E-400I Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Separate I/O SigmaQuad II+ B4 SRAM Truth Table
Previous
Operation
A
R
W
Current
Operation
D
D
D
D
Q
Q
Q
Q
K
(tn-1)
K
(tn)
K
(tn)
K
(tn)
K
(tn)
K
(tn+1)
K
(tn+1½)
K
(tn+2)
K
(tn+2½)
K
(tn+2½)
K
(tn+3)
K
(tn+3½)
K
(tn+4)
Deselect
X
1
1
Deselect
X
X
Hi-Z
Hi-Z
Write
X
1
X
Deselect
D2
D3
Hi-Z
Hi-Z
Read
X
X
1
Deselect
X
X
Q2
Q3
Deselect
V
1
0
Write
D0
D1
D2
D3
Hi-Z
Hi-Z
Deselect
V
0
X
Read
X
X
Q0
Q1
Q2
Q3
Read
V
X
0
Write
D0
D1
D2
D3
Q2
Q3
Write
V
0
X
Read
D2
D3
Q0
Q1
Q2
Q3
Notes:
1. “1” = input “high”; “0” = input “low”; “V” = input “valid”; “X” = input “don’t care”
2. “—” indicates that the input requirement or output state is determined by the next operation.
3. Q0, Q1, Q2, and Q3 indicate the first, second, third, and fourth pieces of output data transferred during Read operations.
4. D0, D1, D2, and D3 indicate the first, second, third, and fourth pieces of input data transferred during Write operations.
5. Users should not clock in metastable addresses.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.02c 8/2017
9/31
© 2011, GSI Technology
GS81302DT06/11/20/38E-500/450/400/350


Numéro de pièce similaire - GS81302DT11E-400I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81302DT11E-450I GSI-GS81302DT11E-450I Datasheet
515Kb / 31P
   JEDEC-standard pinout and package
More results

Description similaire - GS81302DT11E-400I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS8342DT38BD-550 GSI-GS8342DT38BD-550 Datasheet
524Kb / 30P
   JEDEC-standard pinout and package
GS8342QT37BD-300I GSI-GS8342QT37BD-300I Datasheet
503Kb / 29P
   JEDEC-standard pinout and package
GS8662Q37BD-333I GSI-GS8662Q37BD-333I Datasheet
502Kb / 28P
   JEDEC-standard pinout and package
GS8662QT19BGD-357 GSI-GS8662QT19BGD-357 Datasheet
501Kb / 28P
   JEDEC-standard pinout and package
GS81302DT10GE-350 GSI-GS81302DT10GE-350 Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS82582D37GE-400I GSI-GS82582D37GE-400I Datasheet
443Kb / 26P
   JEDEC-standard pinout and package
GS81302DT10E-350I GSI-GS81302DT10E-350I Datasheet
513Kb / 30P
   JEDEC-standard pinout and package
GS81302DT37AGD-450 GSI-GS81302DT37AGD-450 Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS81302Q10GE-250I GSI-GS81302Q10GE-250I Datasheet
487Kb / 28P
   JEDEC-standard pinout and package
GS82582Q37GE-333I GSI-GS82582Q37GE-333I Datasheet
436Kb / 25P
   JEDEC-standard pinout and package
GS8182D19BGD-333I GSI-GS8182D19BGD-333I Datasheet
554Kb / 27P
   JEDEC-standard pinout and package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com