Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC5620C Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TLC5620C
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLC5620C Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TLC5620C Datasheet HTML 2Page - Texas Instruments TLC5620C Datasheet HTML 3Page - Texas Instruments TLC5620C Datasheet HTML 4Page - Texas Instruments TLC5620C Datasheet HTML 5Page - Texas Instruments TLC5620C Datasheet HTML 6Page - Texas Instruments TLC5620C Datasheet HTML 7Page - Texas Instruments TLC5620C Datasheet HTML 8Page - Texas Instruments TLC5620C Datasheet HTML 9Page - Texas Instruments TLC5620C Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TLC5620C, TLC5620I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS081E – NOVEMBER 1994 – REVISED NOVEMBER 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
equivalent inputs and outputs
GND
Vref
Input
VDD
To DAC
Resistor
String
_
+
VDD
DAC
Voltage Output
ISINK
60
µA
Typical
84 k
84 k
× 1
× 2
Output
Range
Select
Input from
Decoded DAC
Register String
INPUT CIRCUIT
OUTPUT CIRCUIT
GND
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage (VDD – GND)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
GND – 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage range, VID
GND – 0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC5620C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC5620I
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 50
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4.75
5.25
V
High-level input voltage, VIH
0.8 VDD
V
Low-level input voltage, VIL
0.8
V
Reference voltage, Vref [A|B|C|D]
VDD – 1.5
V
Analog full-scale output voltage, RL = 10 kΩ
3.5
V
Load resistance, RL
10
k
Setup time, data input, tsu(DATA-CLK) (see Figures 1 and 2)
50
ns
Valid time, data input valid after CLK
↓, tv(DATA-CLK) (see Figures 1 and 2)
50
ns
Setup time, CLK eleventh falling edge to LOAD, tsu(CLK-LOAD) (see Figure 1)
50
ns
Setup time, LOAD
↑ to CLK↓, tsu(LOAD-CLK) (see Figure 1)
50
ns
Pulse duration, LOAD, tw(LOAD) (see Figure 1)
250
ns
Pulse duration, LDAC, tw(LDAC) (see Figure 2)
250
ns
Setup time, LOAD
↑ to LDAC↓,tsu(LOAD-LDAC) (see Figure 2)
0
ns
CLK frequency
1
MHz
Operating free air temperature TA
TLC5620C
0
70
°C
Operating free-air temperature, TA
TLC5620I
– 40
85
°C


Numéro de pièce similaire - TLC5620C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620CD TI-TLC5620CD Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620CD TI1-TLC5620CD Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620CDG4 TI1-TLC5620CDG4 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Description similaire - TLC5620C

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225 TI1-TLC7225 Datasheet
337Kb / 22P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com