Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT9553A Fiches technique(PDF) 6 Page - Richtek Technology Corporation

No de pièce RT9553A
Description  High Accuracy Current/Voltage Sensing and Protection IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9553A Fiches technique(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9553A Datasheet HTML 2Page - Richtek Technology Corporation RT9553A Datasheet HTML 3Page - Richtek Technology Corporation RT9553A Datasheet HTML 4Page - Richtek Technology Corporation RT9553A Datasheet HTML 5Page - Richtek Technology Corporation RT9553A Datasheet HTML 6Page - Richtek Technology Corporation RT9553A Datasheet HTML 7Page - Richtek Technology Corporation RT9553A Datasheet HTML 8Page - Richtek Technology Corporation RT9553A Datasheet HTML 9Page - Richtek Technology Corporation RT9553A Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RT9553A
6
DS9553A-00
September 2014
www.richtek.com
©
Copyright
2014 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
CSN
GND
RT9553A
1.05V
100nF
VCC
RESET
CSP
100nF
10m
100nF
ISENSE
2.2
100nF
EN
10k
100nF
ILIM
3.3V
63.4k
37.4k
PROCHOT
10k
1.05V
10k
OVSET
UVSET
3.3V
20k
82.5k
82.5k
16.5k
TIMER
375k
10
1
2
4
3
5
11 (Exposed Pad)
9
8
7
6
5V
Input
Output
2.2nF
2.2nF
2.2nF


Numéro de pièce similaire - RT9553A

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT9554A RICHTEK-RT9554A Datasheet
120Kb / 10P
   Battery Output Current Sense Protection IC
RT9554AGQW RICHTEK-RT9554AGQW Datasheet
120Kb / 10P
   Battery Output Current Sense Protection IC
More results

Description similaire - RT9553A

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
HV9912 MICROCHIP-HV9912 Datasheet
604Kb / 20P
   Switch-Mode LED Driver IC with High Current Accuracy and Hiccup Mode Protection
06/23/16
logo
Supertex, Inc
HV9912 SUTEX-HV9912 Datasheet
873Kb / 12P
   Switch-mode LED Driver IC With High Current Accuracy and Hiccup Mode Protection
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
   Over Voltage and Over Current Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
   Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
   Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
   Over Voltage and Over Current Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com