Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RGTV00TS65 Fiches technique(PDF) 3 Page - Rohm

No de pièce RGTV00TS65
Description  650V 50A Field Stop Trench IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

RGTV00TS65 Fiches technique(HTML) 3 Page - Rohm

  RGTV00TS65 Datasheet HTML 1Page - Rohm RGTV00TS65 Datasheet HTML 2Page - Rohm RGTV00TS65 Datasheet HTML 3Page - Rohm RGTV00TS65 Datasheet HTML 4Page - Rohm RGTV00TS65 Datasheet HTML 5Page - Rohm RGTV00TS65 Datasheet HTML 6Page - Rohm RGTV00TS65 Datasheet HTML 7Page - Rohm RGTV00TS65 Datasheet HTML 8Page - Rohm RGTV00TS65 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.rohm.com
© 2017 ROHM Co., Ltd. All rights reserved.
Datasheet
RGTV00TS65
IGBT Electrical Characteristics
(at Tj = 25°C unless otherwise specified)
μs
VCC ≦ 360V
Tj = 25°C
Short Circuit Withstand Time
tsc
2-
-
mJ
Turn - off Switching Loss
Eoff
reverse recovery
-
0.94
-
Turn - on Switching Loss
Eon
*Eon includes diode
-
1.25
-
mJ
Turn - off Switching Loss
Eoff
reverse recovery
-
1.28
-
td(off)
Tj = 175°C
Turn - on Delay Time
td(on)
Reverse Bias Safe Operating Area
RBSOA
IC = 200A, VCC = 520V
FULL SQUARE
-
VP = 650V, VGE = 15V
RG = 100Ω, Tj = 175°C
-
167
-
Fall Time
tf
Inductive Load
-
80
-
ns
Rise Time
tr
VGE = 15V, RG = 10Ω
-23-
Turn - off Delay Time
IC = 50A, VCC = 400V
-39-
Turn - on Switching Loss
Eon
*Eon includes diode
-
1.17
-
Turn - on Delay Time
td(on)
IC = 50A, VCC = 400V
-41-
-
142
-
Fall Time
tf
Inductive Load
-
38
-
ns
Rise Time
tr
VGE = 15V, RG = 10Ω
-20-
Turn - off Delay Time
td(off)
Tj = 25°C
nC
Gate - Emitter Charge
Qge
IC = 50A
-21-
Gate - Collector Charge
Qgc
VGE = 15V
-37-
-
-48-
Total Gate Charge
Qg
VCE = 400V
-
104
-
VGE = 15V
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
pF
Output Capacitance
Coes
VGE = 0V
-
116
-
Reverse Transfer Capacitance
Cres
f = 1MHz
Input Capacitance
Cies
VCE = 30V
-
2890
3/9
2017.05 - Rev.A


Numéro de pièce similaire - RGTV00TS65

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RGTV00TS65D ROHM-RGTV00TS65D Datasheet
1Mb / 13P
   650V 50A Field Stop Trench IGBT
More results

Description similaire - RGTV00TS65

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RGTH00TK65 ROHM-RGTH00TK65 Datasheet
750Kb / 11P
   650V 50A Field Stop Trench IGBT
RGTV00TK65 ROHM-RGTV00TK65 Datasheet
1Mb / 10P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
   650V 50A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HMG50N65T HMSEMI-HMG50N65T Datasheet
1Mb / 8P
   650V /50A Trench Field Stop IGBT
logo
Rohm
RGT00TS65D ROHM-RGT00TS65D Datasheet
733Kb / 12P
   650V 50A Field Stop Trench IGBT
RGTH00TS65D ROHM-RGTH00TS65D Datasheet
671Kb / 12P
   650V 50A Field Stop Trench IGBT
RGTH00TK65D ROHM-RGTH00TK65D Datasheet
893Kb / 13P
   650V 50A Field Stop Trench IGBT
RGTH00TS65 ROHM-RGTH00TS65 Datasheet
687Kb / 10P
   650V 50A Field Stop Trench IGBT
RGTV00TK65D ROHM-RGTV00TK65D Datasheet
1Mb / 12P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGW00TK65 ROHM-RGW00TK65 Datasheet
1Mb / 10P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com