Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RGT30NL65D Fiches technique(PDF) 1 Page - Rohm

No de pièce RGT30NL65D
Description  650V 15A Field Stop Trench IGBT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

RGT30NL65D Fiches technique(HTML) 1 Page - Rohm

  RGT30NL65D Datasheet HTML 1Page - Rohm RGT30NL65D Datasheet HTML 2Page - Rohm RGT30NL65D Datasheet HTML 3Page - Rohm RGT30NL65D Datasheet HTML 4Page - Rohm RGT30NL65D Datasheet HTML 5Page - Rohm RGT30NL65D Datasheet HTML 6Page - Rohm RGT30NL65D Datasheet HTML 7Page - Rohm RGT30NL65D Datasheet HTML 8Page - Rohm RGT30NL65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.rohm.com
© 2017 ROHM Co., Ltd. All rights reserved.
Datasheet
RGT30NL65D
650V 15A Field Stop Trench IGBT
*1 Pulse width limited by Tjmax.
Collector Current
TC = 25°C
IC
30
A
TC = 100°C
IC
15
A
Collector - Emitter Voltage
VCES
650
V
Gate - Emitter Voltage
VGES
30
V
Absolute Maximum Ratings
(at TC = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Welder
Packing Code
TL
Marking
RGT30NL65D
5) Pb - free Lead Plating ; RoHS Compliant
Packaging Specifications
Applications
Type
Packaging
Taping
General Inverter
Reel Size (mm)
330
UPS
Tape Width (mm)
24
Power Conditioner
Basic Ordering Unit (pcs)
1,000
Features
Inner Circuit
1) Low Collector - Emitter Saturation Voltage
2) Low Switching Loss
3) Short Circuit Withstand Time 5μs
4) Built in Very Fast & Soft Recovery FRD
(RFN - Series)
Outline
VCES
650V
LPDL (TO-263L)
IC(100°C)
15A
VCE(sat) (Typ.)
1.65V
PD
133W
45
A
Diode Forward Current
TC = 25°C
IF
26
A
TC = 100°C
IF
15
A
Pulsed Collector Current
ICP
*1
Diode Pulsed Forward Current
IFP
*1
45
A
Power Dissipation
TC = 25°C
PD
133
W
TC = 100°C
PD
66
W
Operating Junction Temperature
Tj
40 to +175
°C
Storage Temperature
Tstg
55 to +175
°C
(1) Gate
(2) Collector
(3) Emitter
*1
*1 Built in FRD
(1)
(2)
(3)
(1)
(2)
(3)
1/11
2017.05 - Rev.A


Numéro de pièce similaire - RGT30NL65D

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RGT30NS65D ROHM-RGT30NS65D Datasheet
789Kb / 12P
   650V 15A Field Stop Trench IGBT
More results

Description similaire - RGT30NL65D

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RGT30NS65D ROHM-RGT30NS65D Datasheet
789Kb / 12P
   650V 15A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HMG15N65 HMSEMI-HMG15N65 Datasheet
1Mb / 10P
   650V /15A Trench Field Stop IGBT
logo
Rohm
RGT30TM65D ROHM-RGT30TM65D Datasheet
1Mb / 13P
   650V 15A Field Stop Trench IGBT
RGS30TSX2D ROHM-RGS30TSX2D Datasheet
1Mb / 12P
   1200V 15A Field Stop Trench IGBT
RGT40TS65D ROHM-RGT40TS65D Datasheet
733Kb / 12P
   650V 20A Field Stop Trench IGBT
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
   650V 50A Field Stop Trench IGBT
RGTH60TS65 ROHM-RGTH60TS65 Datasheet
1Mb / 11P
   650V 30A Field Stop Trench IGBT
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
   650V 50A Field Stop Trench IGBT
RGT40NS65D ROHM-RGT40NS65D Datasheet
845Kb / 12P
   650V 20A Field Stop Trench IGBT
RGTH60TK65D ROHM-RGTH60TK65D Datasheet
885Kb / 13P
   650V 30A Field Stop Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com