Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RGPR30BM40 Fiches technique(PDF) 3 Page - Rohm

No de pièce RGPR30BM40
Description  400V 30A Ignition IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

RGPR30BM40 Fiches technique(HTML) 3 Page - Rohm

  RGPR30BM40 Datasheet HTML 1Page - Rohm RGPR30BM40 Datasheet HTML 2Page - Rohm RGPR30BM40 Datasheet HTML 3Page - Rohm RGPR30BM40 Datasheet HTML 4Page - Rohm RGPR30BM40 Datasheet HTML 5Page - Rohm RGPR30BM40 Datasheet HTML 6Page - Rohm RGPR30BM40 Datasheet HTML 7Page - Rohm RGPR30BM40 Datasheet HTML 8Page - Rohm RGPR30BM40 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.rohm.com
© 2017 ROHM Co., Ltd. All rights reserved.
Datasheet
RGPR30BM40
lElectrical Characteristics
(at Tj = 25°C unless otherwise specified)
*1) Assurance items according to our measurement definition (Fig.18)
*2) Design assurance items
Ω
Gate - Emitter Resistance
RGE
8
16
24
300
-
-
mJ
180
-
-
mJ
Tj = 25°C
Gate Series Resistance
RG
70
100
V
Total Gate Charge
Qg
VCE = 12V, IC = 10A,
VGE = 5V
-
22
-
nC
-
1.90
-
Collector - Emitter Saturation
Voltage
VCE(sat)
Tj = 150°C
130
Tj = 150°C*2
-
1.7
-
Fall Time*1
tf
-
3.0
-
td(off)
IC = 8A, VCC = 300V,
VGE = 5V, RG = 100Ω,
L=5mH, Tj=150°C
Avalanche Energy (Single Pulse)
EAS
L = 5mH, VGE = 5V,
VCC = 30V, RG = 1kΩ,
μs
Rise Time*1
tr
-
0.21
-
Turn - off Delay Time*1
-
0.18
-
Turn - on Delay Time*1
td(on)
4.0
0.11
0.19
0.50
Rise Time*1,*2
tr
0.10
0.18
0.50
IC = 8A, VCC = 300V,
VGE = 5V, RG = 100Ω,
L=5mH, Tj=25°C
Turn - on Delay Time*1,*2
td(on)
Fall Time*1,*2
tf
0.8
1.8
5.5
μs
pF
Output Capacitance
Coes
VGE = 0V
-
220
-
Reverse Transfer Capacitance
Cres
f = 1MHz
-
71
-
Input Capacitance
Cies
VCE = 10V
-
1330
-
Turn - off Delay Time*1,*2
td(off)
0.9
1.4
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Tj = 25°C
-
1.70
2.10
IC = 12A, VGE = 4V
V
3/9
2017.05 - Rev.A


Numéro de pièce similaire - RGPR30BM40

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RGPR30NS40 ROHM-RGPR30NS40 Datasheet
720Kb / 11P
   400V 30A Ignition IGBT
RGPR30NS40HR ROHM-RGPR30NS40HR Datasheet
1Mb / 11P
   400V 30A Ignition IGBT
More results

Description similaire - RGPR30BM40

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RGPR30NS40HR ROHM-RGPR30NS40HR Datasheet
1Mb / 11P
   400V 30A Ignition IGBT
RGPR30NS40 ROHM-RGPR30NS40 Datasheet
720Kb / 11P
   400V 30A Ignition IGBT
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S Datasheet
168Kb / 4P
   300mJ, 400V, N-CHANNEL IGNITION IGBT
logo
Fairchild Semiconductor
HGTP14N40F3VL FAIRCHILD-HGTP14N40F3VL Datasheet
147Kb / 7P
   330mJ, 400V, N-Channel Ignition IGBT
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S_04 Datasheet
165Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
FGD3040G2 FAIRCHILD-FGD3040G2 Datasheet
664Kb / 10P
   EcoSPARK짰2 300mJ, 400V, N-Channel Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S Datasheet
196Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
ISL9V2540S3ST FAIRCHILD-ISL9V2540S3ST_09 Datasheet
372Kb / 9P
   EcoSPARK N-Channel Ignition IGBT 250mJ, 400V
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S Datasheet
195Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
FGD3440G2 FAIRCHILD-FGD3440G2 Datasheet
464Kb / 9P
   EcoSPARK짰2 335mJ, 400V, N-Channel Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com