Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX784B8V2 Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce BZX784B8V2
Description  100mW, SOD-723 Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BZX784B8V2 Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BZX784B8V2 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZX784B8V2 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BZX784B Series
100mW, SOD-723
Surface Mount Zener Diodes
25-Jun-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Wide Zener Voltage Range Selection, 5.1V to 20V
Flat Lead SOD-723 Small Outline Plastic Package
Surface Device Type Mounting
Planar Die Construction
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-723
8K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Forward Voltage @IF=10mA
VF
0.9
V
Power Dissipation
1
PD
100
mW
Thermal Resistance, Junction to Ambient Air
RθJA
1250
°C /W
Operating and Storage Temperature Range
TJ, TSTG
-65~150
°C
SOD-723
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.300
1.500
D
0.800
1.100
B
0.550
0.650
E
0.250
0.350
C
0.515
0.650
F
0.080
0.150
E
F
B
C
D
A


Numéro de pièce similaire - BZX784B8V2

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
BZX784B8V2 JIANGSU-BZX784B8V2 Datasheet
1Mb / 5P
   ZENER DIODE
More results

Description similaire - BZX784B8V2

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
1SS400G DGNJDZ-1SS400G Datasheet
1Mb / 4P
   SOD-723 Plastic-Encapsulate Diodes
logo
Rectron Semiconductor
RB520G-30 RECTRON-RB520G-30 Datasheet
232Kb / 5P
   SOD-723 Plastic-Encapsulate Diodes
logo
Shenzhen Luguang Electr...
CESD3V3D7 LUGUANG-CESD3V3D7 Datasheet
199Kb / 3P
   SOD-723 Plastic-Encapsulate Diodes
logo
Nanjing International G...
KDS160 DGNJDZ-KDS160 Datasheet
1Mb / 4P
   SOD-723 Plastic-Encapsulate Diodes
logo
Zibo Seno Electronic En...
BZX584B2V4GG ZSELEC-BZX584B2V4GG Datasheet
145Kb / 3P
   100mW SURFACE MOUNT ZENER DIODE
logo
SeCoS Halbleitertechnol...
MT5ZXXX SECOS-MT5ZXXX Datasheet
1Mb / 4P
   200mW , SOD-523 Surface Mount Zener Diodes
MTSZ52XXBWS SECOS-MTSZ52XXBWS Datasheet
256Kb / 4P
   200mW , SOD-323L Surface Mount Zener Diodes
MTSZ52XXCWS SECOS-MTSZ52XXCWS Datasheet
559Kb / 4P
   200mW, SOD-323L Surface Mount Zener Diodes
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
MM3ZXXXCW SECOS-MM3ZXXXCW Datasheet
595Kb / 4P
   200mW, SOD-323L Surface Mount Zener Diodes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com