Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S8550 Fiches technique(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce S8550
Description  SOT-23 Plastic-Encapsulate Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

S8550 Fiches technique(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  S8550 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd S8550 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd S8550 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd S8550 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate Transistors
S8550
TRANSISTOR (PNP)
FEATURES
Complimentary to S8050
Collector current: IC=0.5A
MARKING :
2TY
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-25
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current -Continuous
-0.5
A
PC
Collector Power Dissipation
0.3
W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC = -100μA, IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
IC =-1mA, IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE= -100μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -40V, IE=0
-0.1
μA
Collector cut-off current
ICEO
VCE= -20V, IB=0
-0.1
μA
Emitter cut-off current
IEBO
VEB= -3V, IC=0
-0.1
μA
hFE(1)
VCE= -1V, IC= -50mA
120
400
DC current gain
hFE(2)
VCE= -1V, IC= -500mA
50
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB= -50mA
-0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=-500mA, IB= -50mA
-1.2
V
Transition frequency
fT
VCE= -6V, IC= -20mA
f=30MHz
150
MHz
CLASSIFICATION OF hFE(1)
Rank
L
H
J
Range
120-200
200-350
300-400
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
D,Oct,2014
JC T


Numéro de pièce similaire - S8550

FabricantNo de pièceFiches techniqueDescription
logo
Wing Shing Computer Com...
S8550 WINGS-S8550 Datasheet
86Kb / 1P
   TRANSISTOR (PNP)
logo
Diode Semiconductor Kor...
S8550 DSK-S8550 Datasheet
398Kb / 4P
   Silicon Epitaxial Planar Transistor
logo
DONGGUAN YOU FENG WEI E...
S8550 YFWDIODE-S8550 Datasheet
518Kb / 3P
   PNP Transistors
logo
Weitron Technology
S8550 WEITRON-S8550 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
GUANGDONG HOTTECH INDUS...
S8550 HOTTECH-S8550 Datasheet
205Kb / 2P
   Plastic-Encapsulate Transistors
More results

Description similaire - S8550

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com