Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2852XMXAX-1.2 Fiches technique(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2852XMXAX-1.2
Description  2A 500/1500kHz SIMPLE SYNCHRONOUS Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2852XMXAX-1.2 Fiches technique(HTML) 1 Page - National Semiconductor (TI)

  LM2852XMXAX-1.2 Datasheet HTML 1Page - National Semiconductor (TI) LM2852XMXAX-1.2 Datasheet HTML 2Page - National Semiconductor (TI) LM2852XMXAX-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LM2852XMXAX-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LM2852XMXAX-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LM2852XMXAX-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LM2852XMXAX-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LM2852XMXAX-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LM2852XMXAX-1.2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM2852
2A 500/1500kHz SIMPLE SYNCHRONOUSBuck
Regulator
General Description
The LM2852 SIMPLE SYNCHRONOUSbuck regulator is
a high frequency step-down switching voltage regulator ca-
pable of driving up to a 2A load with excellent line and load
regulation. The LM2852 can accept an input voltage be-
tween 2.85V and 5.5V and deliver a customizable output
voltage that is factory programmable from 0.8V to 3.3V in
100mV increments. The LM2852 is available with a choice of
two switching frequencies - 500kHz (LM2852Y) or 1.5MHz
(LM2852X). It also features internal compensation to deliver
a
low
component
count
solution.
The
exposed-pad
TSSOP-14 package enhances the thermal performance of
the LM2852.
Features
n
Input voltage range of 2.85 to 5.5V
n
Factory EEPROM set output voltages from 0.8V to 3.3V
in 100mV increments
n
Maximum Load Current of 2A
n
Voltage Mode Control
n
Internal type three compensation
n
Switching frequency of 500kHz or 1.5MHz
n
Low standby current of 10µA
n
Internal 60 m
Ω MOSFET switches
n
Standard voltage options 1.0/1.2/1.5/1.8/2.5/3.3 volts
Applications
n
Low voltage point of load regulators
n
Local solution for FPGA/DSP/ASIC core power
n
Broadband networking and communications
infrastructure
n
Portable computing
Typical Application Circuit
20127001
20127002
January 2005
© 2005 National Semiconductor Corporation
DS201270
www.national.com


Numéro de pièce similaire - LM2852XMXAX-1.2

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2852XMXAX-1.2 NSC-LM2852XMXAX-1.2 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852XMXAX-1.2 TI1-LM2852XMXAX-1.2 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
LM2852XMXAX-1.2/NOPB TI1-LM2852XMXAX-1.2/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Simple Switcher Buck Regulator
More results

Description similaire - LM2852XMXAX-1.2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2852 TI1-LM2852_14 Datasheet
1Mb / 25P
[Old version datasheet]   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
National Semiconductor ...
LM2852 NSC-LM2852_06 Datasheet
663Kb / 14P
   2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2852 TI-LM2852_15 Datasheet
976Kb / 22P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2852YMXA-33 TI-LM2852YMXA-33 Datasheet
981Kb / 23P
[Old version datasheet]   LM2852 2A 500/1500kHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1016 AOSMD-AOZ1016 Datasheet
437Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
   EZBuck??2A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
   EZBuck??2A Simple Buck Regulator
AOZ1240 AOSMD-AOZ1240 Datasheet
794Kb / 15P
   EZBuck™ 2A Simple Buck Regulator
Rev. 1.3 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com