Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM1590CE Fiches technique(PDF) 1 Page - Analog Power

No de pièce AM1590CE
Description  N & P-Channel 100-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM1590CE Fiches technique(HTML) 1 Page - Analog Power

  AM1590CE Datasheet HTML 1Page - Analog Power AM1590CE Datasheet HTML 2Page - Analog Power AM1590CE Datasheet HTML 3Page - Analog Power AM1590CE Datasheet HTML 4Page - Analog Power AM1590CE Datasheet HTML 5Page - Analog Power AM1590CE Datasheet HTML 6Page - Analog Power AM1590CE Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Analog Power
AM1590CE
N & P-Channel 100-V (D-S) MOSFET
VDS (V)
ID (A)
0.42
0.37
-0.20
-0.19
Symbol
Nch Limit Pch Limit
Units
VDS
100
-100
VGS
±20
±20
TA=25°C
0.42
-0.20
TA=70°C
0.35
-0.16
IDM
2
-1
IS
0.37
-0.35
A
TA=25°C
0.3
0.3
TA=70°C
0.21
0.21
TJ, Tstg
°C
Symbol
Maximum
Units
415
460
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
-55 to 150
V
Steady State
RθJA
A
W
°C/W
Parameter
THERMAL RESISTANCE RATINGS
Continuous Drain Current
a
ID
Power Dissipation
a
PD
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
Operating Junction and Storage Temperature Range
Parameter
Drain-Source Voltage
Gate-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
t <= 10 sec
1.2 @ VGS = 10V
1.5 @ VGS = 4.5V
-100
Maximum Junction-to-Ambient
a
5.5 @ VGS = -10V
6 @ VGS = -4.5V
PRODUCT SUMMARY
rDS(on) (Ω)
100
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• LED Inverter Circuits
• DC/DC Conversion Circuits
• Motor drives
SC70-6
© Preliminary
1
Publication Order Number:
DS_AM1590CE_1A


Numéro de pièce similaire - AM1590CE

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
AM150 PANJIT-AM150 Datasheet
41Kb / 2P
   1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Transys Electronics
AM150 TRSYS-AM150 Datasheet
116Kb / 2P
   1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
Comchip Technology
AM150 COMCHIP-AM150 Datasheet
46Kb / 2P
   Silicon Miniature Single-Phase Bridge
logo
Pan Jit International I...
AM150 PANJIT-AM150 Datasheet
53Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
logo
Comchip Technology
AM150-G COMCHIP-AM150-G Datasheet
54Kb / 2P
   Silicon Miniature Single-Phase Bridge
More results

Description similaire - AM1590CE

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM7510C ANALOGPOWER-AM7510C Datasheet
506Kb / 7P
   N & P-Channel 100-V (D-S) MOSFET
AMD510C ANALOGPOWER-AMD510C Datasheet
83Kb / 3P
   P & N-Channel 100-V (D-S) MOSFET
AM4514C ANALOGPOWER-AM4514C Datasheet
547Kb / 7P
   N & P-Channel 100-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBA5102M VBSEMI-VBA5102M Datasheet
1,000Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SIS902DN VISHAY-SIS902DN_V01 Datasheet
649Kb / 8P
   N- and P-Channel 100 V (D-S) MOSFET
01-Jan-2022
SIS590DN VISHAY-SIS590DN Datasheet
303Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA5101M VBSEMI-VBA5101M Datasheet
640Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SI4590DY VISHAY-SI4590DY_V01 Datasheet
286Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA5104N VBSEMI-VBA5104N Datasheet
648Kb / 14P
   N- and P-Channel 100-V (D-S) MOSFET
logo
Vishay Telefunken
SI4590DY TFUNK-SI4590DY Datasheet
355Kb / 15P
   N- and P-Channel 100 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com