Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC2G240DC Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74LVC2G240DC
Description  Dual buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G240DC Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC2G240DC Datasheet HTML 6Page - NXP Semiconductors 74LVC2G240DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2G240DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2G240DC Datasheet HTML 9Page - NXP Semiconductors 74LVC2G240DC Datasheet HTML 10Page - NXP Semiconductors 74LVC2G240DC Datasheet HTML 11Page - NXP Semiconductors 74LVC2G240DC Datasheet HTML 12Page - NXP Semiconductors 74LVC2G240DC Datasheet HTML 13Page - NXP Semiconductors 74LVC2G240DC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2003 Mar 11
10
Philips Semiconductors
Product specification
Dual buffer/line driver with 5 V tolerant
inputs/outputs; inverting; 3-state
74LVC2G240
handbook, full pagewidth
MNA961
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VOL
VOH
VCC
VI
VM
GND
GND
tPZL
tPZH
VM
VM
Fig.5 3-state enable and disable times for input nOE.
VCC
VM
INPUT
VI
tr =tf
1.65 to 1.95 V
0.5
× VCC VCC
≤ 2.0 ns
2.3 to 2.7 V
0.5
× V
CC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
4.5 to 5.5 V
0.5
× V
CC
VCC
≤ 2.5 ns
VOL and VOH are typical output voltage drop that occur with the output load.
VX =VOL + 0.3 V at VCC ≥ 2.7 V;
VX =VOL + 0.15 V at VCC < 2.7 V;
VY =VOH − 0.3 V at VCC ≥ 2.7 V;
VY =VOH − 0.15 V at VCC < 2.7 V.


Numéro de pièce similaire - 74LVC2G240DC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC2G240DC NXP-74LVC2G240DC Datasheet
101Kb / 16P
   Dual inverting buffer/line driver; 3-state
Rev. 04-29 February 2008
logo
Nexperia B.V. All right...
74LVC2G240DC NEXPERIA-74LVC2G240DC Datasheet
284Kb / 17P
   Dual inverting buffer/line driver; 3-state
Rev. 12 - 1 June 2023
74LVC2G240DC-Q100 NEXPERIA-74LVC2G240DC-Q100 Datasheet
213Kb / 13P
   Dual inverting buffer/line driver; 3-state
logo
Texas Instruments
74LVC2G240DCTRE4 TI-74LVC2G240DCTRE4 Datasheet
308Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74LVC2G240DCTRE4 TI1-74LVC2G240DCTRE4 Datasheet
850Kb / 17P
[Old version datasheet]   Dual Buffer Driver With 3-State Outputs
More results

Description similaire - 74LVC2G240DC

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC240A PHILIPS-74LVC240A_15 Datasheet
265Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
Rev. 8-29 November 2011
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
logo
Nexperia B.V. All right...
74LVC16240A-Q100 NEXPERIA-74LVC16240A-Q100 Datasheet
209Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
logo
NXP Semiconductors
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
logo
Nexperia B.V. All right...
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A_03 Datasheet
103Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
logo
Nexperia B.V. All right...
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
   Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
logo
NXP Semiconductors
74LVC541A PHILIPS-74LVC541A_15 Datasheet
294Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
logo
Nexperia B.V. All right...
74LVC827A NEXPERIA-74LVC827A Datasheet
1Mb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4 - 25 November 2011
74LVC16241A NEXPERIA-74LVC16241A Datasheet
216Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 26 April 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com