Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSD1021 Fiches technique(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce KSD1021
Description  TO-92S Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

KSD1021 Fiches technique(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  KSD1021 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd KSD1021 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd KSD1021 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
1.420
1.620
0.056
0.064
A1
0.660
0.860
0.026
0.034
b
0.330
0.480
0.013
0.019
b1
0.400
0.510
0.016
0.020
c
0.330
0.510
0.013
0.020
D
3.900
4.100
0.154
0.161
D1
2.280
2.680
0.090
0.106
E
3.050
3.250
0.120
0.128
e
1.270 TYP.
0.050 TYP.
e1
2.440
2.640
0.096
0.104
L
15.100
15.500
0.594
0.610
θ
45° TYP.
45° TYP.
www.cj-elec.com
2
D,Aug,2016


Numéro de pièce similaire - KSD1021

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KSD1021 FAIRCHILD-KSD1021 Datasheet
41Kb / 4P
   Audio Frequency Power Amplifier
KSD1021 FAIRCHILD-KSD1021 Datasheet
43Kb / 4P
   Audio Frequency Power Amplifier
KSD1021 FAIRCHILD-KSD1021_04 Datasheet
43Kb / 4P
   Audio Frequency Power Amplifier
More results

Description similaire - KSD1021

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
KTC3195 JIANGSU-KTC3195 Datasheet
269Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SA821S JIANGSU-2SA821S Datasheet
500Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SC3311A JIANGSU-2SC3311A Datasheet
586Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SC4115S JIANGSU-2SC4115S Datasheet
2Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SD2470 JIANGSU-2SD2470 Datasheet
369Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SA933AS JIANGSU-2SA933AS Datasheet
6Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SC2839 JIANGSU-2SC2839 Datasheet
805Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KSD1020 JIANGSU-KSD1020 Datasheet
486Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KTC3199 JIANGSU-KTC3199 Datasheet
2Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SA1267 JIANGSU-2SA1267 Datasheet
3Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com