Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M-OACUAH Fiches technique(PDF) 2 Page - Crydom Inc.,

No de pièce M-OACUAH
Description  M SERIES OUTPUT MODULES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CRYDOM [Crydom Inc.,]
Site Internet  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

M-OACUAH Fiches technique(HTML) 2 Page - Crydom Inc.,

  M-OACUAH Datasheet HTML 1Page - Crydom Inc., M-OACUAH Datasheet HTML 2Page - Crydom Inc., M-OACUAH Datasheet HTML 3Page - Crydom Inc., M-OACUAH Datasheet HTML 4Page - Crydom Inc., M-OACUAH Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPECIFICATIONS
Input
C
A
O
-
M
4
2
C
A
O
-
M
r
e
b
m
u
N
t
r
a
P
24A
M-ODC5
M-ODC5A
M-ODC5F
Nominal Voltage [VDC]
24
24
5.0
5.0
5.0
Minimum Voltage [VDC]
(2)
18
18
2.75
2.75
2.75
Maximum Voltage [VDC]
32
32
8.0
8.0
8.0
Drop-out Voltage [VDC]
1.0
1.0
1.0
1.0
1.0
Maximum Current [mA]
(3)
13
13
18
18
18
Resistance [Ohms]
(4)
2000
2000
250
250
250
Output
Nominal Line Voltage
120 VAC
240 VAC
5-48 VDC
5-150 VDC
5-48 VDC
Minimum Line Voltage
12 VAC
24 VAC
3.0 VDC
3.0 VDC
3.0 VDC
Maximum Line Voltage
140 VAC
280 VAC
60 VDC
250 VDC
60 VDC
Max Off-State Voltage
(5)
400 Vpeak
600 Vpeak
60 VDC
250 VDC
60 VDC
Max Off-State Leakage
(6)
0.1mArms
0.1mArms
10 uA
10 uA
10 uA
Static Off-State dv/dt
(7)
200 V/usec
200 V/usec
N/A
N/A
N/A
Maximum Rated On-State Current
(8)
3.5 Arms
3.5 Arms
3.0 A
1.0 A
3.0 A
Minimum On-State Current
50 mArms
50 mArms
10 mA
10 mA
10 mA
Max Surge Current
(9)
100 Apeak
100 Apeak
5.0 A
5.0 A
5.0 A
On-State Voltage Drop or Resistance
(10)
1.6 V
1.6 V
1.5 V
1.5 V
1.5 V
Maximum Turn-On Time [msec]
(13)
8.33
8.33
0.1
0.1
0.025
Maximum Turn-Off Time [msec]
(13)
8.33
8.33
0.75
0.75
0.05
Input/Output Isolation Voltage
(14)
4000 Vrms
4000 Vrms
4000 Vrms
4000 Vrms
4000 Vrms
Input/Output Capacitance
8 pF
8 pF
8 pF
8 pF
8 pF
Operating Temperature Range
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
Storage Temperature Range
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
Line Frequency Range
47 to 63 Hz
47 to 63 Hz
DC
DC
DC
Weight
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
SPECIFICATIONS
Input
5
C
D
O
-
M
A
M
5
C
D
O
-
M
r
e
b
m
u
N
t
r
a
P
MC
M-ODC5ML
M-ODC24
M-ODC24A
Nominal Voltage [VDC]
5.0
5.0
5.0
24
24
Minimum Voltage [VDC]
(2)
2.75
2.75
2.75
18
18
Maximum Voltage [VDC]
8.0
8.0
8.0
32
32
Drop-out Voltage [VDC]
1.0
1.0
1.0
1.0
1.0
Maximum Current [mA]
(3)
18
18
18
13
13
Resistance [Ohms]
(4)
250
250
250
2000
2000
Output
Nominal Line Voltage
5-150 VDC
5-90 VDC
5-48 VDC
5-48 VDC
5-150 VDC
Minimum Line Voltage
1.0 VDC
1.0 VDC
50 VDC
60 VDC
250 VDC
Maximum Line Voltage
200 VDC
100 VDC
50 VDC
60 VDC
250 VDC
Max Off-State Voltage
(5)
200 VDC
100 VDC
50 VDC
60 VDC
250 VDC
Max Off-State Leakage
(6)
10 uA
10 uA
10 uA
10 uA
10 uA
Static Off-State dv/dt
(7)
N/A
N/A
N/A
N/A
N/A
Maximum Rated On-State Current
(8)
3.0 A
5.0 A
1.0 A
3.0 A
1.0 A
Minimum On-State Current
1.0 mA
1.0 mA
10 mA
10 mA
10 mA
Max Surge Current
(9)
10 A
10 A
10 A
5.0 A
5.0 A
On-State Voltage Drop or Resistance
(10)
0.25 Ohms
0.10 Ohms
0.05 Ohms
1.5 V
1.5 V
Maximum Turn-On Time [msec]
(13)
1.0
1.0
1.0
0.1
0.1
Maximum Turn-Off Time [msec]
(13)
0.05
0.05
0.05
0.75
0.75
Input/Output Isolation Voltage
(14)
1500 Vrms
1500 Vrms
1500 Vrms
4000 Vrms
4000 Vrms
Input/Output Capacitance
8 pF
8 pF
8 pF
8 pF
8 pF
Operating Temperature Range
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
Storage Temperature Range
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
Line Frequency Range
DC
DC
DC
DC
DC
Weight
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
Datasheet
I/O Modules
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
(1)
(1)


Numéro de pièce similaire - M-OACUAH

FabricantNo de pièceFiches techniqueDescription
logo
Crydom Inc.,
M-OAC24 CRYDOM-M-OAC24 Datasheet
610Kb / 5P
   I/O Modules
M-OAC24A CRYDOM-M-OAC24A Datasheet
610Kb / 5P
   I/O Modules
M-OAC5 CRYDOM-M-OAC5 Datasheet
1Mb / 5P
   I/O Modules
M-OAC5 CRYDOM-M-OAC5 Datasheet
610Kb / 5P
   I/O Modules
logo
Sensata Technologies, I...
M-OAC5 SENSATA-M-OAC5 Datasheet
443Kb / 5P
   I/O MODULES
More results

Description similaire - M-OACUAH

FabricantNo de pièceFiches techniqueDescription
logo
Crydom Inc.,
M-OAC5AH CRYDOM-M-OAC5AH Datasheet
1Mb / 5P
   M SERIES OUTPUT MODULES
M-ODC5M-C CRYDOM-M-ODC5M-C Datasheet
1Mb / 5P
   M SERIES OUTPUT MODULES
MOAC5AH CRYDOM-MOAC5AH Datasheet
1Mb / 5P
   M SERIES OUTPUT MODULES
SM-OAC5 CRYDOM-SM-OAC5 Datasheet
1Mb / 5P
   SM SERIES OUTPUT MODULES
84130104 CRYDOM-84130104 Datasheet
566Kb / 4P
   GMS SERIES 17.5mm OUTPUT MODULES
logo
National Instruments Co...
NI9263 NI-NI9263 Datasheet
1Mb / 5P
   C Series Analog Output Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
logo
Grayhill, Inc
70M-ODC5 GRAYHILL-70M-ODC5 Datasheet
125Kb / 2P
   DC Output Modules
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com