Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S19244XXXA Fiches technique(PDF) 51 Page - Seiko Instruments Inc

No de pièce S19244XXXA
Description  FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SII [Seiko Instruments Inc]
Site Internet  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S19244XXXA Fiches technique(HTML) 51 Page - Seiko Instruments Inc

Back Button S19244XXXA Datasheet HTML 47Page - Seiko Instruments Inc S19244XXXA Datasheet HTML 48Page - Seiko Instruments Inc S19244XXXA Datasheet HTML 49Page - Seiko Instruments Inc S19244XXXA Datasheet HTML 50Page - Seiko Instruments Inc S19244XXXA Datasheet HTML 51Page - Seiko Instruments Inc S19244XXXA Datasheet HTML 52Page - Seiko Instruments Inc S19244XXXA Datasheet HTML 53Page - Seiko Instruments Inc S19244XXXA Datasheet HTML 54Page - Seiko Instruments Inc S19244XXXA Datasheet HTML 55Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
(4)
1
2
3
4
(5)
1
2
3
4
Pattern for heat radiation: 2000mm
2 t0.070
74.2 x 74.2 x t0.035
74.2 x 74.2 x t0.035
74.2 x 74.2 x t0.070
Thermal via
Number: 4
Diameter: 0.3 mm
Size [mm]
114.3 x 76.2 x t1.6
Material
FR-4
Number of copper foil layer
4
Copper foil layer [mm]
Pattern for heat radiation: 2000mm
2 t0.070
74.2 x 74.2 x t0.035
74.2 x 74.2 x t0.035
74.2 x 74.2 x t0.070
Thermal via
-
Board D
Item
Specification
Size [mm]
114.3 x 76.2 x t1.6
Material
FR-4
Number of copper foil layer
Copper foil layer [mm]
Board E
Item
Specification
4
IC Mount Area
HSNT-8(2030) Test Board
No. HSNT8-A-Board-SD-2.0
enlarged view
enlarged view
SII Semiconductor Corporation


Numéro de pièce similaire - S19244XXXA

FabricantNo de pièceFiches techniqueDescription
logo
Seiko Instruments Inc
S19244XXXH SII-S19244XXXH Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results

Description similaire - S19244XXXA

FabricantNo de pièceFiches techniqueDescription
logo
Seiko Instruments Inc
S19244XXXH SII-S19244XXXH Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19243XXXA SII-S19243XXXA Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19253XXXH SII-S19253XXXH Datasheet
2Mb / 30P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19254XXXH SII-S19254XXXH Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19243XXXH SII-S19243XXXH Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com