Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS81313LQ18GK-714 Fiches technique(PDF) 2 Page - GSI Technology

No de pièce GS81313LQ18GK-714
Description  4Mb x 36 and 8Mb x 18 organizations available
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS81313LQ18GK-714 Fiches technique(HTML) 2 Page - GSI Technology

  GS81313LQ18GK-714 Datasheet HTML 1Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 2Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 3Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 4Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 5Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 6Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 7Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 8Page - GSI Technology GS81313LQ18GK-714 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
GS81313LQ18/36GK-800/714/600
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.13 7/2016
2/26
© 2014, GSI Technology
8M x 18 Pinout (Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
A
VDD
VDDQ
VDD
VDDQ
NC
(RSVD)
MCH
(CFG)
MCL
ZQ
PZT1
VDDQ
VDD
VDDQ
VDD
B
VSS
NUO
VSS
NUI
MCL
MCL
(B4M)
NC
(RSVD)
MCH
(SIOM)
PZT0
D0
VSS
Q0
VSS
C
Q17
VDDQ
D17
VDDQ
VSS
SA
VDD
SA
VSS
VDDQ
NUI
VDDQ
NUO
D
VSS
NUO
VSS
NUI
SA
VDDQ
NC
(288 Mb)
VDDQ
SA
D1
VSS
Q1
VSS
E
Q16
VDDQ
D16
VDD
VSS
SA
VSS
SA
VSS
VDD
NUI
VDDQ
NUO
F
VSS
NUO
VSS
NUI
SA
VDD
VDDQ
VDD
SA
D2
VSS
Q2
VSS
G
Q15
NUO
D15
NUI
VSS
SA
MZT1
SA
VSS
D3
NUI
Q3
NUO
H
Q14
VDDQ
D14
VDDQ
SA
VDDQ
W
VDDQ
SA
VDDQ
NUI
VDDQ
NUO
J
VSS
NUO
VSS
NUI
VSS
SA
VSS
SA
VSS
D4
VSS
Q4
VSS
K
CQ1
VDDQ
VREF
VDD
KD1
VDD
CK
VDD
KD0
VDD
VREF
VDDQ
CQ0
L
CQ1
VSS
QVLD1
Vss
KD1
VDDQ
CK
VDDQ
KD0
VSS
QVLD0
VSS
CQ0
M
VSS
Q13
VSS
D13
VSS
SA
VSS
SA
VSS
NUI
VSS
NUO
VSS
N
NUO
VDDQ
NUI
VDDQ
PLL
VDDQ
R
VDDQ
MCH
VDDQ
D5
VDDQ
Q5
P
NUO
Q12
NUI
D12
VSS
SA
MZT0
SA
VSS
NUI
D6
NUO
Q6
R
VSS
Q11
VSS
D11
MCH
VDD
VDDQ
VDD
RST
NUI
VSS
NUO
VSS
T
NUO
VDDQ
NUI
VDD
VSS
SA
VSS
SA
VSS
VDD
D7
VDDQ
Q7
U
VSS
Q10
VSS
D10
NC
(576 Mb)
VDDQ
NC
(RSVD)
VDDQ
NC
(1152 Mb)
NUI
VSS
NUO
VSS
V
NUO
VDDQ
NUI
VDDQ
VSS
SA
(x18)
VDD
SA
(B2)
VSS
VDDQ
D8
VDDQ
Q8
W
VSS
Q9
VSS
D9
TCK
MCL
RCS
MCL
TMS
NUI
VSS
NUO
VSS
Y
VDD
VDDQ
VDD
VDDQ
TDO
ZT
NC
(RSVD)
MCL
TDI
VDDQ
VDD
VDDQ
VDD
Notes:
1. Pins 5B, 6W, 7A, 8W, and 8Y must be tied Low in this device.
2. Pins 5R and 9N must be tied High in this device.
3. Pin 6A is defined as mode pin CFG in the pinout standard. It must be tied High in this device to select x18 configuration.
4. Pin 8B is defined as mode pin SIOM in the pinout standard. It must be tied High in this device to select Separate I/O configuration.
5. Pin 6B is defined as mode pin B4M in the pinout standard. It must be tied Low in this device to select Burst-of-2 configuration.
6. Pin 6V is defined as address pin SA for x18 devices. It is used in this device.
7. Pin 8V is defined as address pin SA for B2 devices. It is used in this device.
8. Pin 7D is reserved as address pin SA for 288 Mb devices. It is a true no connect in this device.
9. Pin 5U is reserved as address pin SA for 576 Mb devices. It is a true no connect in this device.
10. Pin 9U is reserved as address pin SA for 1152 Mb devices. It is a true no connect in this device.


Numéro de pièce similaire - GS81313LQ18GK-714

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81313LQ18GK-600 GSI-GS81313LQ18GK-600 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-800 GSI-GS81313LQ18GK-800 Datasheet
352Kb / 26P
   144Mb SigmaQuad-IIIe Burst of 2 ECCRAM
GS81313LQ18GK-800I GSI-GS81313LQ18GK-800I Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
More results

Description similaire - GS81313LQ18GK-714

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS81313LQ18GK-600 GSI-GS81313LQ18GK-600 Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-714I GSI-GS81313LD36GK-714I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LQ18GK-800I GSI-GS81313LQ18GK-800I Datasheet
352Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625 GSI-GS81313LD36GK-625 Datasheet
369Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-625I GSI-GS81313LD36GK-625I Datasheet
357Kb / 25P
   4Mb x 36 and 8Mb x 18 organizations available
GS81313LD36GK-833I GSI-GS81313LD36GK-833I Datasheet
357Kb / 26P
   4Mb x 36 and 8Mb x 18 organizations available
GS82583ED18GK-500 GSI-GS82583ED18GK-500 Datasheet
470Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-500I GSI-GS82583EQ18GK-500I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ36GK-500 GSI-GS82583EQ36GK-500 Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
GS82583EQ18GK-400I GSI-GS82583EQ18GK-400I Datasheet
463Kb / 26P
   8Mb x 36 and 16Mb x 18 organizations available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com