Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1247 Fiches technique(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce 2SD1247
Description  T O-92MOD Plastic-Encapsulate Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SD1247 Fiches technique(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SD1247 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1247 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SD1247 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TO – 92M
1. COLLECTOR
2. BASE
3. EMITTER
TO – 92MOD
1. EMITTER
2. COLLECTOR
3. BASE
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92MOD Plastic-Encapsulate Transistors
2SD1247
TRANSISTOR (NPN)
FEATURES
Low Saturation Voltage
Large Current Capacity and Wide ASO
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 100µA,IE=0
30
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,IC=0
6
V
Collector cut-off current
ICBO
VCB=20V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=4V,IC=0
0.1
μA
hFE(1)
VCE=2V, IC=100mA
100
560
DC current gain
hFE(2)
VCE=2V, IC=1.5A
65
Collector-emitter saturation voltage
VCE(sat)
IC=1.5A,IB=75mA
0.4
V
Collector-emitter saturation voltage
VBE(sat)
IC=1.5A,IB=75mA
1.2
V
Collector output capacitance
Cob
VCB=10V,IE=0, f=1MHz
19
pF
Transition frequency
fT
VCE=10V,IC=50mA
150
MHz
CLASSIFICATION OF hFE
RANK
R
S
T
U
RANGE
100-200
140-280
200-400
280-560
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current
2.5
A
PC
Collector Power Dissipation
1
W
RθJA
Thermal Resistance From Junction To Ambient
125
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
JC T
www.cj-elec.com
1
www.cj-elec.com
C,Mar,2016


Numéro de pièce similaire - 2SD1247

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SD1247 SANYO-2SD1247 Datasheet
79Kb / 3P
   Large-Current Driving Applications??????????
More results

Description similaire - 2SD1247

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
KSA910 JIANGSU-KSA910 Datasheet
1Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
2SD789 JIANGSU-2SD789 Datasheet
2Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
2SC2229 JIANGSU-2SC2229 Datasheet
4Mb / 5P
   T O-92MOD Plastic-Encapsulate Transistors
2SA1283 JIANGSU-2SA1283 Datasheet
2Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
2SC3243 JIANGSU-2SC3243 Datasheet
2Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
KSC2330 JIANGSU-KSC2330 Datasheet
1Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistors
2SA1371 JIANGSU-2SA1371 Datasheet
2Mb / 3P
   T O-92MOD Plastic-Encapsulate Transistor
2SA965 JIANGSU-2SA965 Datasheet
4Mb / 4P
   TO-92MOD Plastic-Encapsulate Transistors
2SB985 JIANGSU-2SB985 Datasheet
3Mb / 5P
   TO-92MOD Plastic-Encapsulate Transistors
2SC1627A JIANGSU-2SC1627A Datasheet
6Mb / 4P
   TO-92MOD Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com