Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XC9104 Fiches technique(PDF) 7 Page - Torex Semiconductor

No de pièce XC9104
Description  Step-Up DC/DC Converters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOREX [Torex Semiconductor]
Site Internet  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9104 Fiches technique(HTML) 7 Page - Torex Semiconductor

Back Button XC9104 Datasheet HTML 3Page - Torex Semiconductor XC9104 Datasheet HTML 4Page - Torex Semiconductor XC9104 Datasheet HTML 5Page - Torex Semiconductor XC9104 Datasheet HTML 6Page - Torex Semiconductor XC9104 Datasheet HTML 7Page - Torex Semiconductor XC9104 Datasheet HTML 8Page - Torex Semiconductor XC9104 Datasheet HTML 9Page - Torex Semiconductor XC9104 Datasheet HTML 10Page - Torex Semiconductor XC9104 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
" NOTE ON HOW TO USE B TYPE
Please set time constant equal to 10ms by the following equation.
Time constant :
τ (s) = R (Ω) x C (F)
[ Example of Equation ]
R = 100k
Ω, C = 0.1µF
τ (s)
= R (
Ω) x C (F)
= 100k
Ω x 0.1µF = 10ms
" OPERATIONAL DESCRIPTION
The XC9103/04/05 series are step-up DC/DC converter controller ICs with built-in high speed, low ON resistance drivers.
<Error Amp.>
<OSC Generator>
<Ramp Wave Generator>
The Ramp Wave Generator generates a saw-tooth waveform based on outputs from the OSC Generator.
<PWM Comparator>
<PWM/PFM Controller>
<Vref 1 with Soft Start>
<Enable Function>
XC9103/04/05 Series
Ceramic Cap. Compatible
Step-Up DC/DC Converters
Error Amplifier is designed to monitor the output voltage, comparing the feedback voltage (FB) with the reference voltage Vref. In response to feedback
of a voltage lower than the reference voltage Vref, the output voltage of the error amp. decreases.
This circuit generates the internal reference clock.
The PWM comparator compares outputs from the Error Amp. and saw-tooth waveform. When the voltage from the Error Amp's output is low, the
external switch will be set to ON.
This circuit generates PFM pulses.
The PWM/PFM automatic switching mode switches between PWM and PFM automatically depending on the load. The PWM/PFM automatic switching
mode is selected when the voltage of the CE pin is less than VDD - 1.0V, and the control switches between PWM and PFM automatically depending on
the load. PWM/PFM control turns into PFM control when threshold voltage becomes lower than voltage of error amps. PWM control mode is selected
when the voltage of the CE pin is more than VDD - 0.2V. Noise is easily reduced with PWM control since the switching frequency is fixed. The series is
suitable for noise sensitive portable audio equipment as PWM control can suppress noise during operation and PWM/PFM switching control can reduce
consumption current during light load in stand-by.
The reference voltage, Vref (FB pin voltage)=0.9V, is adjusted and fixed by laser trimming (for output voltage settings, please refer to the notes on page
8). To protect against inrush current, when the power is switched on, and also to protect against voltage overshoot, soft-start time is set internally to
10ms. It should be noted, however, that this circuit does not protect the load capacitor (CL) from inrush current. With the Vref voltage limited and
depending upon the input to the error amps, the operation maintains a balance between the two inputs of the error amps and controls the EXT pin's ON
time so that it doesn't increase more than is necessary.
This function controls the operation and shutdown of the IC. When the voltage of the CE pin is 0.2V or less, the mode will be disable, the channel's
operations will stop and the EXT1 pin will be kept at a low level (the external N-type MOSFET will be OFF). When the IC is in a state of disable, current
consumption will be no more than 1.0
µA.
When the CE pin's voltage is 0.65V or more, the mode will be enable and operations will recommence.
When applying voltage to VDD through CE pin with the series' B type product, the
limiter circuit may operate when a power supply is on, and the operation may not
start. In this case, as the right circuit indicates, please connect a resistor and a
capacitor with the CE pin. By the time constant, the CE pin will be chip enable after
VDD rise so that IC will be in the stable condition.
Semiconductor Ltd.
R
CE/PWM
EXT
GND
FB
VDD
C
7


Numéro de pièce similaire - XC9104

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
1Mb / 23P
   Ceramic Capacitor Compatible, Step-up DC/DC Controllers
XC9104B091DL TOREX-XC9104B091DL Datasheet
1Mb / 23P
   Ceramic Capacitor Compatible, Step-up DC/DC Controllers
XC9104B091DR TOREX-XC9104B091DR Datasheet
1Mb / 23P
   Ceramic Capacitor Compatible, Step-up DC/DC Controllers
XC9104B091ML TOREX-XC9104B091ML Datasheet
1Mb / 23P
   Ceramic Capacitor Compatible, Step-up DC/DC Controllers
XC9104B091MR TOREX-XC9104B091MR Datasheet
1Mb / 23P
   Ceramic Capacitor Compatible, Step-up DC/DC Controllers
More results

Description similaire - XC9104

FabricantNo de pièceFiches techniqueDescription
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
logo
Unisonic Technologies
UC3383 UTC-UC3383_18 Datasheet
309Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
logo
Torex Semiconductor
XC6382 TOREX-XC6382 Datasheet
280Kb / 17P
   PFM CONTROLLED STEP UP DC/DC CONVERTERS
0314_XC6385 TOREX-0314_XC6385 Datasheet
179Kb / 7P
   PFM CONTROLLED STEP UP DC/DC CONVERTERS
logo
Unisonic Technologies
UC3383 UTC-UC3383_15 Datasheet
346Kb / 14P
   PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
logo
ams AG
AS1329 AMSCO-AS1329 Datasheet
88Kb / 2P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
logo
Linear Technology
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19