Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE1678 Fiches technique(PDF) 3 Page - NTE Electronics

No de pièce NTE1678
Description  Integrated Circuit Switching Regulator for TV
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1678 Fiches technique(HTML) 3 Page - NTE Electronics

  NTE1678 Datasheet HTML 1Page - NTE Electronics NTE1678 Datasheet HTML 2Page - NTE Electronics NTE1678 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
High Level of Oscillation
VOH
3.8
4.5
V
Starting VOH
VOH(s)
V8 = 3.0V
1.0
1.8
V
Thermal Drift of VOH
dVOH(TA) Difference of Min & Max of VOH
in TA from –20° to+75°C
100
mV
Synchronous Signal Voltage
VS
Oscillation is Synchronizing (15.75kHz)
–1.0
+0.3
V
Oscillation is Synchronizing (15.75kHz)
–200
–40
µA
VCC
1
2
3
4
Error Voltage Input
Duty Limit
ON/OFF Output
ON/OFF Input
5
Current Limit
6
Shutdown
7
Pulse Output
14
13
12
11
Reference Voltage Input
Error Amp Output
Comparator Input
OSC
10 Synchronization
9
GND
8
.100 (2.54)
.025
(0.65)
.099
(2.5)
.012
(0.30)
Pin Connection Diagram
.600 (15.24)
17
14
8
.300 (7.62)
.197
(5.0)
Max
.100 (2.45)
.099 (2.5) Min
.827 (21.0) Max


Numéro de pièce similaire - NTE1678

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE167 NTE-NTE167 Datasheet
18Kb / 2P
   Single Phase Bridge Rectifier 2.0 Amp
NTE1670 NTE-NTE1670 Datasheet
22Kb / 2P
   Integrated Circuit Air Core Meter Driver
NTE1672 NTE-NTE1672 Datasheet
29Kb / 4P
   Integrated Circuit Power Supply Control Circuit
NTE1673 NTE-NTE1673 Datasheet
24Kb / 3P
   Integrated Circuit Video Chroma Processor
NTE1674 NTE-NTE1674 Datasheet
26Kb / 2P
   Integrated Circuit TV Vertical Deflection Output Circuit
More results

Description similaire - NTE1678

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE1870 NTE-NTE1870 Datasheet
22Kb / 2P
   Integrated Circuit Module - Color TV Switching Regulator
NTE7075 NTE-NTE7075 Datasheet
24Kb / 2P
   Integrated Circuit Module - 100W Offline Switching Regulator for Color TV
NTE15012 NTE-NTE15012 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE1740 NTE-NTE1740 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE1776 NTE-NTE1776 Datasheet
24Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE15032 NTE-NTE15032 Datasheet
22Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE1896 NTE-NTE1896 Datasheet
24Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE7125 NTE-NTE7125 Datasheet
24Kb / 3P
   Integrated Circuit Switching Regulator
NTE7044 NTE-NTE7044 Datasheet
37Kb / 2P
   Integrated Circuit Switching Regulator Control Circuit
logo
STMicroelectronics
TEA2014 STMICROELECTRONICS-TEA2014 Datasheet
118Kb / 3P
   VIDEO SWITCHING CIRCUIT FOR TV
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com