Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CASR-25-NP Fiches technique(PDF) 4 Page - LEM

No de pièce CASR-25-NP
Description  CAS / CASR / CKSR series Current Transducers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEM [LEM]
Site Internet  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CASR-25-NP Fiches technique(HTML) 4 Page - LEM

  CASR-25-NP Datasheet HTML 1Page - LEM CASR-25-NP Datasheet HTML 2Page - LEM CASR-25-NP Datasheet HTML 3Page - LEM CASR-25-NP Datasheet HTML 4Page - LEM CASR-25-NP Datasheet HTML 5Page - LEM CASR-25-NP Datasheet HTML 6Page - LEM CASR-25-NP Datasheet HTML 7Page - LEM CASR-25-NP Datasheet HTML 8Page - LEM CASR-25-NP Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Transducers dimensions
CAS / CASR / CKSR have been designed to provide
current measurements from 6 to 50 A
RMS
in a very
compact size compared to the existing current
transducers based on different technologies allowing to
reach similar electrical performances.
Moreover, the same compact design is used to cover
the complete current range from 6 to 50 A
RMS with 4
4
Mechanical and dimensions
standard models (6 A, 15 A, 25 A and 50 A models) for
each series CAS, CASR and CKSR.
The CAS / CASR / CKSR design is 30 % smaller in
height than LTS transducer (Closed Loop Hall effect
chip technology using an ASIC): 16.5 mm height versus
24 mm. 7.5 mm won in height !
Where LTS and LTSR were limited
to 25 A
RMS,
with the respective
LTS 25-NP
and
LTSR 25-NP
models, as the highest nominal
current,
the
CAS / CASR / CKSR
models are offered with a model
expected to measure 50 A
RMS
as
nominal current. There has been
a requirement from the market for
years to have a 100% PCB mounted
50 A
RMS
current transducer with
single + 5 V power supply in such a
class accuracy.
Fig. 2. CAS / CASR / CKSR: 30 % smaller compared to the LTS / LTSR models


Numéro de pièce similaire - CASR-25-NP

FabricantNo de pièceFiches techniqueDescription
logo
LEM
CASR-15-NP LEM-CASR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-50-NP LEM-CASR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-6-NP LEM-CASR-6-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
More results

Description similaire - CASR-25-NP

FabricantNo de pièceFiches techniqueDescription
logo
LEM
CKSR-15-NP LEM-CKSR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-15-NP LEM-CASR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-50-NP LEM-CASR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-25-NP LEM-CKSR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-50-NP LEM-CKSR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-6-NP LEM-CASR-6-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CAS-25-NP LEM-CAS-25-NP Datasheet
1Mb / 16P
   Current Transducer CAS series
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
   Current Transducers
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
   Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
   Current Transducers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com