Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CASR-25-NP Fiches technique(PDF) 2 Page - LEM

No de pièce CASR-25-NP
Description  CAS / CASR / CKSR series Current Transducers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEM [LEM]
Site Internet  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CASR-25-NP Fiches technique(HTML) 2 Page - LEM

  CASR-25-NP Datasheet HTML 1Page - LEM CASR-25-NP Datasheet HTML 2Page - LEM CASR-25-NP Datasheet HTML 3Page - LEM CASR-25-NP Datasheet HTML 4Page - LEM CASR-25-NP Datasheet HTML 5Page - LEM CASR-25-NP Datasheet HTML 6Page - LEM CASR-25-NP Datasheet HTML 7Page - LEM CASR-25-NP Datasheet HTML 8Page - LEM CASR-25-NP Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
RS
I Compensation
VOUT
+5V
GND
Fluxgate
Interface
Filter
Driver
Diff
Amp
VREF
Int. ref
ICOMP2
ICOMP1
IP
Primary conductor
Magnetic Core
Fluxgate
Compensation
Winding
The Power Electronics market is in constant change and
always on the lookout for new technologies and better
performance driving our progress. To enable applications
with enhanced performance, current measurement must
always been made with the best possible performance
also allowing to the final application to differentiate itself
from all the others.
This is the human nature and allows the progress of
technology.
With the LTS / LTSR current transducers using the Closed
Loop Hall effect technology coupled with a dedicated
ASIC (Application Specific Integrated Circuit) specially
designed for these products, we thought we had reached
the optimal performance, but this was without taking the
eternal human nature into account.
The market required even better accuracy over the
temperature ranges maintaining a low price and LEM
decided to achieve this goal.
A few months later, LEM delivers the solution with the
CAS / CASR / CKSR current transducers series covering
nominal current measurements from 1,5 to 50 A
RMS.
To respond to these new challenges, the Hall effect
technology was no longer the solution. Even if used
in a Closed Loop configuration and with the use of a
dedicated ASIC as done with the LTS family which allowed
a substantial performance improvement notably for the
accuracy and the size.
Fluxgate technology was selected enabling both possible
targets: the improvement in accuracy and the low price.
Without compromising the advantages of the LTS product
such as size, dynamic performances, high measuring
range, ect.
LEM has already been using multiple Fluxgate technologies
in the past and it was just a question to find the one making
the best comprise between price, size and performances.
In order for the products to be able to work in the typical
industrial applications, the insulation criteria needed to be
respected and a particular attention has then been brought
to the mechanical design of the product.
Although we were able to reduce the size even when
nobody thought it could still be done, the insulation
performances
allow
usage
in
standard
industrial
applications without particular mounting with a rated
insulation voltage up to 1000 V
RMS
(Simple isolation
according to EN 50178 standard with following parameters:
OV 3, PD2).
The CAS / CASR / CKSR models have been specially
designed to respond to the technology advances in drives
and inverters in industrial environment requiring better
performances in areas such as:
• Common mode influence
• Thermal drift (offset and gain)
• Accuracy (in the whole temperature range)
• Response time
• Insulation
• Size
2
CAS / CASR / CKSR series Current Transducers
Insulated Highly Accurate Measurements from 1.5 to 50 A
RMS
Future precision.
Future performances.
Now available.


Numéro de pièce similaire - CASR-25-NP

FabricantNo de pièceFiches techniqueDescription
logo
LEM
CASR-15-NP LEM-CASR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-50-NP LEM-CASR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-6-NP LEM-CASR-6-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
More results

Description similaire - CASR-25-NP

FabricantNo de pièceFiches techniqueDescription
logo
LEM
CKSR-15-NP LEM-CKSR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-15-NP LEM-CASR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-50-NP LEM-CASR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-25-NP LEM-CKSR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-50-NP LEM-CKSR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-6-NP LEM-CASR-6-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CAS-25-NP LEM-CAS-25-NP Datasheet
1Mb / 16P
   Current Transducer CAS series
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
   Current Transducers
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
   Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
   Current Transducers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com