Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CASR-15-NP Fiches technique(PDF) 3 Page - LEM

No de pièce CASR-15-NP
Description  CAS / CASR / CKSR series Current Transducers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEM [LEM]
Site Internet  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CASR-15-NP Fiches technique(HTML) 3 Page - LEM

  CASR-15-NP Datasheet HTML 1Page - LEM CASR-15-NP Datasheet HTML 2Page - LEM CASR-15-NP Datasheet HTML 3Page - LEM CASR-15-NP Datasheet HTML 4Page - LEM CASR-15-NP Datasheet HTML 5Page - LEM CASR-15-NP Datasheet HTML 6Page - LEM CASR-15-NP Datasheet HTML 7Page - LEM CASR-15-NP Datasheet HTML 8Page - LEM CASR-15-NP Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
RS
I Compensation
VOUT
+5V
GND
Fluxgate
Interface
Filter
Driver
Diff
Amp
VREF
Int. ref
ICOMP2
ICOMP1
IP
Primary conductor
Magnetic Core
Fluxgate
Compensation
Winding
3
CAS / CASR / CKSR Transducers Technology:
Closed Loop Fluxgate technology
Closed Loop current transducers measure current over
wide frequency ranges, including DC. They provide
contact-free coupling to the current that needs to be
measured as well as safe galvanic isolation and high
reliability. Their output signal is an accurate, high-resolution
image of the primary current with a very short delay.
In higher frequency ranges these transducers function
exactly the same way as (passive) current transformers,
where a relatively small induced voltage in the secondary
winding is capable to drive the secondary current through
the secondary winding and, most important, through
the burden resistor. A low induced voltage equals low
magnetic flux in the magnetic core, which is the cause
for the good accuracy (low flux means a small difference
between primary and secondary current linkage1, too).
For DC and in low-frequency ranges, the induced voltage
is too low to be able to drive the secondary current, and
the error of simple current transformers will increase with
decreasing frequency. In this domain, the magnetic flux
density in the core is measured by a sensing element and
a voltage is applied to the secondary circuit that in the
end keeps the flux density near zero, effectively creating a
closed control loop.
The only basic difference between the CAS / CASR / CKSR
transducer series and standard Closed Loop transducers
of LEM is that the Hall element used for feedback is
replaced by a Fluxgate detector. The driving force behind
this choice is the need for a “better” feedback, which
basically means more voltage per current linkage, a
quantity that is called “Open Loop sensitivity”. Given
an equal electronic circuit, the zero output of a current
transducer (traditionally called “offset” in analogy to
operational amplifiers) will be less influenced by changes
in the electronics (e.g. offset variations of the amplifiers
used) if the Open Loop sensitivity is higher.
The complexity of a Fluxgate based current transducer
is comparable to the one of a transducer based on a Hall
effect IC (integrated circuit). Like there, some AC signal
processing and synchronous rectifying is applied. In
addition, the Fluxgate detector is needed. Fortunately,
this Fluxgate is a very simple small solenoid with a tiny
soft magnetic strip used as detector core. Because of
the complexity of the signal chain, an IC is used to stay
at a competitive cost level compared to Hall effect current
transducers. A circuit in this IC forms an oscillator together
with the Fluxgate, driving it into saturation each half cycle
at a frequency of several hundred kilohertz. The effect
that is used for the detection of a residual flux in the main
transducer core is the fact that in such a configuration a
change of the duty cycle of the driving voltage will occur
when a magnetic DC flux is present in the fluxgate core.
The signal processing stages in the IC comprise a duty
cycle demodulation, frequency response compensation,
an integrator and a bridge amplifier that provides the
secondary current. This output architecture can provide
a higher (doubled) voltage to the secondary circuit when
compared to a single output stage with the other side of the
circuit connected to a reference potential at typically 2.5 V.
In this configuration, the burden (or measurement) resistor
is floating, so in order to obtain an output signal referenced
to a fixed voltage, a difference amplifier is used which is
also part of the IC.
Fig. 1. Closed Loop Fluxgate Technology used for the CAS / CASR / CKSR current transducers
1 Current linkage is the technical term for current multiplied by turns count


Numéro de pièce similaire - CASR-15-NP

FabricantNo de pièceFiches techniqueDescription
logo
LEM
CASR-25-NP LEM-CASR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-50-NP LEM-CASR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-6-NP LEM-CASR-6-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
More results

Description similaire - CASR-15-NP

FabricantNo de pièceFiches techniqueDescription
logo
LEM
CKSR-15-NP LEM-CKSR-15-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-50-NP LEM-CASR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-25-NP LEM-CKSR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CKSR-50-NP LEM-CKSR-50-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-6-NP LEM-CASR-6-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CASR-25-NP LEM-CASR-25-NP Datasheet
3Mb / 24P
   CAS / CASR / CKSR series Current Transducers
CAS-25-NP LEM-CAS-25-NP Datasheet
1Mb / 16P
   Current Transducer CAS series
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
   Current Transducers
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
   Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
   Current Transducers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com