Moteur de recherche de fiches techniques de composants électroniques |
|
GS81314LQ36GK-133I Fiches technique(PDF) 5 Page - GSI Technology |
|
GS81314LQ36GK-133I Fiches technique(HTML) 5 Page - GSI Technology |
5 / 40 page GS81314LQ18/36GK-133/120/106 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.09 5/2016 5/40 © 2014, GSI Technology MZT[1:0] ODT Mode Select — Set the default ODT state globally for all input groups during power-up and reset. Must be tied High or Low. MZT[1:0] = 00: disables ODT on all input groups, regardless of PZT[1:0]. MZT[1:0] = 01: enables strong ODT on select input groups, as specified by PZT[1:0]. MZT[1:0] = 10: enables weak ODT on select input groups, as specified by PZT[1:0]. MZT[1:0] = 11: reserved. Note: The ODT state for each input group can be changed at any time via the Configuration Registers. Input PZT[1:0] ODT Configuration Select — Set the default ODT state for various combinations of input groups during power-up and reset, when MZT[1:0] = 01 or 10. Must be tied High or Low. PZT[1:0] = 00: enables ODT on write data only. PZT[1:0] = 01: enables ODT on write data and input clocks. PZT[1:0] = 10: enables ODT on write data, address, and control. PZT[1:0] = 11: enables ODT on write data, input clocks, address, and control. Note: The ODT state for each input group can be changed at any time via the Configuration Registers. Input VDD Core Power Supply — VDDQ I/O Power Supply — VREF Input Reference Voltage — Input buffer reference voltage. — VSS Ground — TCK JTAG Clock — Weakly pulled Low internally. Input TMS JTAG Mode Select — Weakly pulled High internally. Input TDI JTAG Data Input — Weakly pulled High internally. Input TDO JTAG Data Output Output MCH Must Connect High — May be tied to VDDQ directly or via a 1k resistor. Input MCL Must Connect Low — May be tied to VSS directly or via a 1k resistor. Input NC No Connect — There is no internal chip connection to these pins. They may be left unconnected, or tied/ driven High or Low. — NUI Not Used Input — There is an internal chip connection to these input pins, but they are unused by the device. They are pulled Low internally. They may be left unconnected or tied/driven Low. They should not be tied/driven High. Input NUO Not Used Output — There is an internal chip connection to these output pins, but they are unused by the device. The drivers are tri-stated internally. They should be left unconnected. Output Symbol Description Type |
Numéro de pièce similaire - GS81314LQ36GK-133I |
|
Description similaire - GS81314LQ36GK-133I |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |