Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9181DB Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce SI9181DB
Description  Si9181DB/Si9182DB Demonstration Board
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9181DB Fiches technique(HTML) 6 Page - Vishay Siliconix

  SI9181DB Datasheet HTML 1Page - Vishay Siliconix SI9181DB Datasheet HTML 2Page - Vishay Siliconix SI9181DB Datasheet HTML 3Page - Vishay Siliconix SI9181DB Datasheet HTML 4Page - Vishay Siliconix SI9181DB Datasheet HTML 5Page - Vishay Siliconix SI9181DB Datasheet HTML 6Page - Vishay Siliconix SI9181DB Datasheet HTML 7Page - Vishay Siliconix SI9181DB Datasheet HTML 8Page - Vishay Siliconix SI9181DB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Si9181DB/Si9182DB
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
6
Document Number: 71306
26-Sep-00
BILLOFMATERIALSSi9181
Item
Qty
Designator
Part Type
Description
Footprint
Vendor Part #
Manufacturer
1
1
R1
TBD*
RES, 1%, 1/8 W
0805
TBD
Vishay Dale
2
1
R2
TBD*
RES, 1%, 1/8 W
0805
CRCW08051004FRT1
Vishay Dale
3
1
R3
1 M
RES, 1%, 1/8 W
0805
TBD
Vishay Dale
4
1
R4
TBD*
RES, 1%, 1/4 W
1206
TBD
Vishay Dale
5
1
R5
TBD*
RES, 1%, 1/8 W
0805
TBD
Vishay Dale
6
1
R6
100 k
RES, 1%, 1/8 W
0805
CRCW08051003FRT1
Vishay Dale
7
1
R7
1.30 k
RES, 1%, 1/8 W
0805
CRCW08051301FRT1
Vishay Dale
8
1
R8
560
RES, 1%, 1/8 W
0805
CRCW08055600FRT1
Vishay Dale
9
1
C1
10
mF
CAP, CER, X5R, 10 V, 10%
1210
GRM42-2 X5R 106K 10
Murata
10
2
C2, C3
0.1
mF
CAP, CER, X7R, 50 V, 10%
0805
VJ0805Y104KXAAT
Vishay Vitramon
11
1
C4
2.2
mF
CAP, CER, X5R, 6.3 V, 10%
0805
GRM40X5R225K6.3
Murata
12
1
C5
0.01
mF
CAP, CER, X7R, 50 V, 10%
0805
VJ0805Y102KXAAT
Vishay Vitramon
13
1
Q1
Si4410DY
n-MOSFET, 30 V
SO-8
Si4410DY
Vishay Siliconix
14
1
U1
Si9181
Power IC
TSSOP-8
Si9181
Vishay Siliconix
15
1
D1
LL4154
Diode, 35 V, 150 mA
MINIMELF
LL4154
VISHAY LITEON
16
1
TJ1
Test Jack
For 0.135’ Dia Probe
TJ
131-4244-00
Jensen
17
1
JP1
Jumper
3-Pin Header
SIP3
Multi-Source
18
2
JP2, JP3
Jumper
2-Pin Header
SIP2
Multi-Source
19
6
P1 TO P6
Power, GND, TP
1-Pin Header
TP1
Multi-Source
*Refer to Si9181 Schematic, Figure 7.


Numéro de pièce similaire - SI9181DB

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9181DB VISHAY-SI9181DB Datasheet
167Kb / 11P
   Micropower 350-mA CMOS LDO Regulator With Error Flag/Power-On-Reset
Rev. F, 16-May-05
More results

Description similaire - SI9181DB

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
   Demonstration Board
logo
Vishay Siliconix
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
   Demonstration Board
Rev. A, 12-Jun-06
logo
Winbond
ES302 WINBOND-ES302 Datasheet
362Kb / 4P
   ES302 DEMONSTRATION BOARD
logo
STMicroelectronics
STEVAL-MKI126V3 STMICROELECTRONICS-STEVAL-MKI126V3 Datasheet
568Kb / 9P
   STSmartVoice demonstration board
logo
Winbond
ISD-ES002 WINBOND-ISD-ES002 Datasheet
152Kb / 1P
   Parrot Demonstration Board
logo
STMicroelectronics
AN3244 STMICROELECTRONICS-AN3244 Datasheet
565Kb / 9P
   EVAL6230QR demonstration board
logo
Vishay Siliconix
71117 VISHAY-71117 Datasheet
201Kb / 11P
   SI9113 Demonstration Board
29-Feb-00
logo
Renesas Technology Corp
RTKA210040DR0000BU RENESAS-RTKA210040DR0000BU Datasheet
2Mb / 13P
   Demonstration Board Manual
Apr 14, 2021 Rev.1.1
logo
STMicroelectronics
STEVAL-MKI126V1 STMICROELECTRONICS-STEVAL-MKI126V1 Datasheet
596Kb / 9P
   STSmartVoice demonstration board
UM1569 STMICROELECTRONICS-UM1569 Datasheet
1Mb / 24P
   SmartPlugW demonstration board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com