Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC1740S Fiches technique(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce 2SC1740S
Description  TO-92S Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SC1740S Fiches technique(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SC1740S Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1740S Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1740S Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1740S Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SC1740S Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
110
10
100
1000
0.1
1
10
100
100
1000
0
25
50
75
100
125
150
0
100
200
300
400
0.1
1
10
100
10
100
0.1
1
10
100
10
100
1000
0.1
1
10
0.1
1
10
0.0
0.3
0.6
0.9
1.2
0.1
1
10
100
02
46
8
10
0
2
4
6
8
I
C
f
T
——
COMMON EMITTER
V
CE=12V
T
a=25
COLLECTOR CURRENT I
C
(mA)
70
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a=100
T
a=25
2000
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
T
a=100
T
a=25
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
300
150
I
C
h
FE
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 6V
20
50
f=1MHz
I
E=0/IC=0
T
a=25
V
CB
/V
EB
C
ob
/C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
150
150
BASE-EMMITER VOLTAGE V
BE (V)
I
C
——
V
BE
COMMON EMITTER
V
CE=6V
150
Static Characteristic
COMMON
EMITTER
T
a=25
30uA
27uA
24uA
21uA
18uA
15uA
12uA
9uA
6uA
I
B=3uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Typical Characteristics
www.cj-elec.com
3
A,Jun,2014
www.cj-elec.com
E,Aug,2017


Numéro de pièce similaire - 2SC1740S

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SC1740S ROHM-2SC1740S Datasheet
77Kb / 3P
   2SC4097 / 2SC1741S
2SC1740S ROHM-2SC1740S Datasheet
89Kb / 4P
   General purpose transistor (50V, 0.15A)
2SC1740S ROHM-2SC1740S Datasheet
120Kb / 4P
   General purpose transistor(50V, 0.15A)
logo
SeCoS Halbleitertechnol...
2SC1740S SECOS-2SC1740S Datasheet
300Kb / 2P
   NPN Plastic-Encapsulated Transistor
logo
Toshiba Semiconductor
2SC1740S TOSHIBA-2SC1740S Datasheet
2Mb / 54P
   COLOR TELEVISION N1PS Chassis
Jul., 2001
More results

Description similaire - 2SC1740S

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
KSD1021 JIANGSU-KSD1021 Datasheet
507Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KTC3195 JIANGSU-KTC3195 Datasheet
269Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SA821S JIANGSU-2SA821S Datasheet
500Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SC3311A JIANGSU-2SC3311A Datasheet
586Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SC4115S JIANGSU-2SC4115S Datasheet
2Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SD2470 JIANGSU-2SD2470 Datasheet
369Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SA933AS JIANGSU-2SA933AS Datasheet
6Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SC2839 JIANGSU-2SC2839 Datasheet
805Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KSD1020 JIANGSU-KSD1020 Datasheet
486Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KTC3199 JIANGSU-KTC3199 Datasheet
2Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SA1267 JIANGSU-2SA1267 Datasheet
3Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com