Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST162552 Fiches technique(PDF) 3 Page - Exar Corporation

No de pièce ST162552
Description  DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST162552 Fiches technique(HTML) 3 Page - Exar Corporation

  ST162552 Datasheet HTML 1Page - Exar Corporation ST162552 Datasheet HTML 2Page - Exar Corporation ST162552 Datasheet HTML 3Page - Exar Corporation ST162552 Datasheet HTML 4Page - Exar Corporation ST162552 Datasheet HTML 5Page - Exar Corporation ST162552 Datasheet HTML 6Page - Exar Corporation ST162552 Datasheet HTML 7Page - Exar Corporation ST162552 Datasheet HTML 8Page - Exar Corporation ST162552 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3-137
ST16C2552
Symbol
Pin
Signal Type
Pin Description
SYMBOL DESCRIPTION
D0-D7
2-9
I/O
Bi-directional data bus. Eight bit, three state data bus to
transfer information to or from the CPU. D0 is the least
significant bit of the data bus and the first serial data bit to
be received or transmitted.
RX A/B
39,25
I
Serial data input A/B. The serial information (data) received
from serial port to ST16C2552 receive input circuit. A mark
(high) is logic one and a space (low) is logic zero. During the
local loopback mode the RX input is disabled from external
connection and connected to the TX output internally.
TX A/B
38,26
O
Serial data output A/B. The serial data is transmitted via
this pin with additional start , stop and parity bits. The TX will
be held in mark (high) state during reset, local loopback
mode or when the transmitter is disabled.
CS*
18
I
Chip select. (active low) A low at this pin enables the
ST16C2552 / CPU data transfer operation.
CHSEL
16
I
UART A/B select. UART A or B can be selected by changing
the state of this pin when CS* is active. Low on this pin,
selects the UART B and high on this pin selects UART A
section.
XTAL1
11
I
Crystal input 1 or external clock input. A crystal can be
connected to this pin and XTAL2 pin to utilize the internal
oscillator circuit. An external clock can be used to clock
internal circuit and baud rate generator for custom transmis-
sion rates.
XTAL2
13
O
Crystal
input
2 or buffered clock output. See XTAL1.
Should be left open if a clcok is connected to XTAL1.
IOW*
20
I
Write strobe. (active low) A low on this pin will transfer the
contents of the CPU data bus to the addressed register.
IOR*
24
I
Read strobe. (active low) A low level on this pin transfers
the contents of the ST16C2552 data bus to the CPU.
A0-A2
10,14,15
I
Address select lines. To select internal registers.


Numéro de pièce similaire - ST162552

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST16 STMICROELECTRONICS-ST16 Datasheet
146Kb / 21P
   CHIP SET INTERFACE SPECIFICATION
logo
RFE international
ST16-103 RFE-ST16-103 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST16-104 RFE-ST16-104 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST16-154 RFE-ST16-154 Datasheet
216Kb / 1P
   TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
logo
STMicroelectronics
ST16-19HDSE STMICROELECTRONICS-ST16-19HDSE Datasheet
168Kb / 3P
   Development Environment For ST16 and ST19 Smartcard MCU Families
More results

Description similaire - ST162552

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
PC16552C NSC-PC16552C Datasheet
827Kb / 22P
   Dual Universal Asynchronous Receiver/Transmitter with FIFOs
logo
Texas Instruments
PC16552DVX TI-PC16552DVX Datasheet
335Kb / 24P
[Old version datasheet]   Dual Universal Asynchronous Receiver/Transmitter with FIFOs
logo
National Semiconductor ...
PC16552D NSC-PC16552D Datasheet
291Kb / 21P
   Dual Universal Asynchronous Receiver/Transmitter with FIFOs
logo
Texas Instruments
NS16C552 TI1-NS16C552 Datasheet
335Kb / 24P
[Old version datasheet]   PC16552D Dual Universal Asynchronous Receiver/Transmitter with FIFOs?
logo
National Semiconductor ...
PC16550D NSC-PC16550D Datasheet
344Kb / 22P
   PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs
logo
IMP, Inc
IMP16C554 IMP-IMP16C554 Datasheet
510Kb / 20P
   Quad Universal Asynchronous Receiver/Transmitter (UART) with FIFOs
logo
National Semiconductor ...
PC16553 NSC-PC16553 Datasheet
1Mb / 37P
   Dual Universal Asynchronous Receiver/Transmitter with FIFOs plus High Performance Parallel Interface
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
   Dual Asynchronous Receiver/Transmitter
logo
NXP Semiconductors
SCC68681 PHILIPS-SCC68681 Datasheet
195Kb / 29P
   Dual asynchronous receiver/transmitter
2004 Apr 06
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
   Dual asynchronous receiver/transmitter DUART
1998 Sep 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com