Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPTS7224 Fiches technique(PDF) 1 Page - Green Power Solutions srl

No de pièce GPTS7224
Description  PHASE CONTROLLED SCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GPSEMI [Green Power Solutions srl]
Site Internet  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPTS7224 Fiches technique(HTML) 1 Page - Green Power Solutions srl

  GPTS7224 Datasheet HTML 1Page - Green Power Solutions srl GPTS7224 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: +39-011-988 2251
Fax:
+39-011-988 1358
http://gpsemi.it/pdf/GPTS7224.pdf
GPTS7224
PHASE CONTROLLED SCR
High reliability operation
DC power supply
Controlled rectifiers
DC drives - Motor starters
BLOCKING VOLTAGE UP TO
7500 V
AVERAGE CURRENT
2245 A
SURGE CURRENT
33.5 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
7500
V
VRSM
Non-repetitive peak reverse voltage
7600
V
VDRM
Repetitive peak off-state voltage
7500
V
IDRM
Repetitive peak off-state current, max.
VDRM, single phase, half wave, Tj = Tjmax
300
mA
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tj = Tjmax
300
mA
ON-STATE CHARACTERISTICS
IT(AV)
Average on-state current
Sine wave,180° conduction, Th = 55 °C
2245
A
IT(RMS)
R.M.S. on-state current
Sine wave,180° conduction, Th = 55 °C
3526
A
ITSM
Surge on-state current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
33.5
kA
I²t
I² t for fusing coordination
5611
kA²s
VT(TO)
Threshold voltage
Tj = Tjmax
1.29
V
rT
On-state slope resistance
Tj = Tjmax
0.398
m
W
VTM
Peak on-state voltage, max
On-state current IT = 2000 A , Tj = Tjmax
2.09
V
IH
Holding current, max
Tj = 25 °C
300
mA
IL
Latching current, typ
Tj = 25 °C
3000
mA
TRIGGERING CHARACTERISTICS
VGT
Gate trigger voltage
Tj = 25 °C, VD = 12 V
1.5
V
IGT
Gate trigger current
Tj = 25 °C, VD = 12 V
400
mA
VGD
Non-trigger voltage
VD = 67% VRRM, Tj = Tjmax
0.4
V
PGM
Peak gate power dissipation
Pulse width 0.5 ms
150
W
PG(AV)
Average gate power dissipation
8
W
IFGM
Peak gate current
10
A
VFGM
Peak gate voltage (forward)
25
V
VRGM
Peak gate voltage (reverse)
5
V
SWITCHING CHARACTERISTICS
di/dt rep.
Critical rate of rise of on-state current
Tj = Tjmax - f = 50 Hz - ITM = 2 · IT(AV)
150
A/µs
dV/dt
Critical rate of rise of off-state voltage
Tj = Tjmax - VD = 0.67·VDRM
1500
V/µs
Qrr
Reverse recovery charge, typ
Tj = Tjmax, IT = 2000 A, di/dt = -1 A/µs
7000
µC
tq
Turn-off time, typ
Tj = Tjmax, IT = 1000 A, di/dt = -1 A/µs
700
µs
VR = 100 V, VD = 67% VDRM, dV/dt = 20 V/µs
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0.0077
°C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0.0014
°C/W
Tjmax
Max operating junction temperature
125
°C
Tstg
Storage temperature
-40 / 125
°C
F
Clamping force ± 10%
76
kN
Mass
1800
g
Document GPTS7224T002
Value
Green Power Solutions Srl
Web: www.gpsemi.it e-mail: info@gpsemi.it


Numéro de pièce similaire - GPTS7224

FabricantNo de pièceFiches techniqueDescription
logo
CW Industries
GPTS203211BR2 CWIND-GPTS203211BR2 Datasheet
42Kb / 1P
   PUSH BUTTON SWITCH
GPTS203212BR2 CWIND-GPTS203212BR2 Datasheet
41Kb / 1P
   PUSH BUTTON SWITCH
GPTS203312B CWIND-GPTS203312B Datasheet
44Kb / 1P
   PUSH BUTTON SWITCH
GPTS203312BR2 CWIND-GPTS203312BR2 Datasheet
44Kb / 1P
   PUSH BUTTON SWITCH
logo
Green Power Solutions s...
GPTS3568 GPSEMI-GPTS3568 Datasheet
299Kb / 2P
   PHASE CONTROLLED SCR
More results

Description similaire - GPTS7224

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GPTR3190 ETC2-GPTR3190 Datasheet
122Kb / 2P
   PHASE CONTROLLED SCR
logo
Green Power Solutions s...
GPTG2072 GPSEMI-GPTG2072_17 Datasheet
314Kb / 2P
   PHASE CONTROLLED SCR
GPTR4260 GPSEMI-GPTR4260 Datasheet
294Kb / 2P
   PHASE CONTROLLED SCR
GPTP2165 GPSEMI-GPTP2165_17 Datasheet
487Kb / 2P
   PHASE CONTROLLED SCR
GPTR1545 GPSEMI-GPTR1545 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTS3612 GPSEMI-GPTS3612 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTS4510 GPSEMI-GPTS4510 Datasheet
300Kb / 2P
   PHASE CONTROLLED SCR
GPTR4154 GPSEMI-GPTR4154 Datasheet
116Kb / 2P
   PHASE CONTROLLED SCR
GPTG2072 GPSEMI-GPTG2072 Datasheet
159Kb / 2P
   PHASE CONTROLLED SCR
GPTN5061 GPSEMI-GPTN5061 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com