Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPDG1157 Fiches technique(PDF) 1 Page - Green Power Solutions srl

No de pièce GPDG1157
Description  RECTIFIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GPSEMI [Green Power Solutions srl]
Site Internet  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPDG1157 Fiches technique(HTML) 1 Page - Green Power Solutions srl

  GPDG1157 Datasheet HTML 1Page - Green Power Solutions srl GPDG1157 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: +39-011-988 2251
Fax:
+39-011-988 1358
http://gpsemi.it/pdf/GPDG1157.pdf
GPDG1157
RECTIFIER DIODE
VOLTAGE UP TO
800 V
AVERAGE CURRENT
1570 A
SURGE CURRENT
16 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
800
V
VRSM
Non-repetitive peak reverse voltage
900
V
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tjmax
50
mA
FORWARD CHARACTERISTICS
IF(AV)
Average forward current
Sine wave,180° conduction, Th = 55°C
1570
A
IF(RMS)
R.M.S. forward current
Sine wave,180° conduction, Th = 55°C
2466
A
IFSM
Surge forward current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
16
kA
I²t
I² t for fusing coordination
1280
kA²s
VF(TO)
Threshold voltage
Tj = Tjmax
0.75
V
rF
Forward slope resistance
Tj = Tjmax
0.250
m
W
VFM
Peak forward voltage, max
Forward current IF = 1600 A, Tj = Tjmax
1.15
V
SWITCHING CHARACTERISTICS
Qrr
Rverse recovery charge, typ
Tj = Tjmax, IF = 1000 A, di/dt = -5 A/µs
µC
Irr
Reverse recovery current
A
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0.035
°C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0.015
°C/W
Tjmax
Max operating junction temperature
190
°C
Tstg
Storage temperature
-40 / 190
°C
F
Clamping force ± 5%
8.5
kN
Mass
85
g
Document GPDG1157T002
Value
Green Power Solutions Srl
Web: www.gpsemi.it e-mail: info@gpsemi.it


Numéro de pièce similaire - GPDG1157

FabricantNo de pièceFiches techniqueDescription
logo
Green Power Solutions s...
GPDG3083 GPSEMI-GPDG3083 Datasheet
271Kb / 2P
   RECTIFIER DIODE
GPDG3115 GPSEMI-GPDG3115 Datasheet
101Kb / 1P
   RECTIFIER DIODE
GPDG3115 GPSEMI-GPDG3115 Datasheet
128Kb / 2P
   RECTIFIER DIODE
GPDG3115 GPSEMI-GPDG3115_12 Datasheet
128Kb / 2P
   RECTIFIER DIODE
GPDG3115 GPSEMI-GPDG3115_17 Datasheet
287Kb / 2P
   Low profile ceramic package
More results

Description similaire - GPDG1157

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com