Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STN210D Fiches technique(PDF) 3 Page - Stanson Technology

No de pièce STN210D
Description  N Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN210D Fiches technique(HTML) 3 Page - Stanson Technology

  STN210D Datasheet HTML 1Page - Stanson Technology STN210D Datasheet HTML 2Page - Stanson Technology STN210D Datasheet HTML 3Page - Stanson Technology STN210D Datasheet HTML 4Page - Stanson Technology STN210D Datasheet HTML 5Page - Stanson Technology STN210D Datasheet HTML 6Page - Stanson Technology STN210D Datasheet HTML 7Page - Stanson Technology STN210D Datasheet HTML 8Page - Stanson Technology STN210D Datasheet HTML 9Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
STN210D
N Channel Enhancement Mode MOSFET
80.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
ST210D 2016 V1
ELECTRICAL CHARACTERISTICS ( Ta = 25
Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source
Breakdown Voltage
V(BR)DSS
VGS=0V,ID=250uA
30
V
Gate Threshold
Voltage
VGS(th)
VDS=VGS,ID=250uA
1.3
2.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage
Drain Current
IDSS
VDS=30V,VGS=0V
1
uA
VDS=30V,VGS=0V
TJ=55
5
Drain-source On-
Resistance
RDS(on)
VGS=10V,ID=20A
VGS=4.5V,ID=20A
2.4
3.7
3
4.7
Forward
Transconductance
gfs
VDS=5V,ID=20A
80
S
Diode Forward Voltage
VSD
IS=1.0A,VGS=0V
1.0
V
Dynamic
Total Gate Charge
Qg
VDS=15V,VGS=10V
ID≡20A
120
nC
Gate-Source Charge
Qgs
30
Gate-Drain Charge
Qgd
40
Input Capacitance
Ciss
VDS =15V,VGS=0V
F=1MHz
7780
pF
Output Capacitance
Coss
1805
Reverse
TransferCapacitance
Crss
435
Turn-On Time
td(on)
tr
VDS=15V,RL=0.75Ω
VGS=10V, RGEN=3Ω
12
nS
11
Turn-Off Time
td(off)
tf
40
12


Numéro de pièce similaire - STN210D

FabricantNo de pièceFiches techniqueDescription
logo
Stanson Technology
STN2018 STANSON-STN2018 Datasheet
1Mb / 7P
   N Channel Enhancement Mode MOSFET
logo
AUK corp
STN2222 AUK-STN2222 Datasheet
93Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STN2222 KODENSHI-STN2222 Datasheet
211Kb / 4P
   NPN Silicon Transistor
logo
AUK corp
STN2222A AUK-STN2222A Datasheet
89Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STN2222A KODENSHI-STN2222A Datasheet
237Kb / 4P
   NPN Silicon Transistor
More results

Description similaire - STN210D

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com