Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UHP-200A Fiches technique(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

No de pièce UHP-200A
Description  200W Single Output with PFC Function
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MEANWELL [Mean Well Enterprises Co., Ltd.]
Site Internet  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

UHP-200A Fiches technique(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  UHP-200A Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. UHP-200A Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. UHP-200A Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. UHP-200A Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. UHP-200A Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1.Operate with additional aluminum plate
aluminum plate(or the cabinet of the same size) on the bottom.The size of the suggested aluminum plate is shown
as below. And for optimizing thermal performance, the aluminum plate must have an even and smooth surface
In order to meet the“Derating Curve”and the “Static Characteristics” ,UHP-200A series must be installed onto an
Installation
2.For heat dissipation, at least 5cm installation distance around the PSU should be kept, shown as below:
UHP-200A series
200W Single Output with PFC Function
M3*4
380
380
unit:mm
5cm
5cm
(or coated with thermal grease), and UHP-200A series must be firmly mounted at the center of the aluminum plate.
File Name:UHP-200A-SPEC 2017-07-21


Numéro de pièce similaire - UHP-200A

FabricantNo de pièceFiches techniqueDescription
logo
Mean Well Enterprises C...
UHP-200 MEANWELL-UHP-200 Datasheet
226Kb / 6P
   200W Slim Type with PFC Switching Power Supply
More results

Description similaire - UHP-200A

FabricantNo de pièceFiches techniqueDescription
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-200 MEANWELL-PPS-200 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200 Datasheet
370Kb / 2P
   200W Single Output with PFC Function
EPP-200 MEANWELL-EPP-200 Datasheet
566Kb / 4P
   200W Single Output with PFC Function
logo
Astrodyne Corporation
SP-200 ASTRODYNE-SP-200 Datasheet
314Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-200 MEANWELL-SP-200 Datasheet
327Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200_11 Datasheet
371Kb / 2P
   200W Single Output with PFC Function
SP-200 MEANWELL-SP-200_10 Datasheet
334Kb / 2P
   200W Single Output with PFC Function
logo
Total Power Internation...
SP-200 TOTAL-POWER-SP-200 Datasheet
367Kb / 2P
   200W Single Output with PFC Function
logo
RSG Electronic Componen...
PPS-200 RSG-PPS-200 Datasheet
204Kb / 2P
   200W Single Output with PFC Function
SP-200 RSG-SP-200 Datasheet
132Kb / 2P
   200W Single Output with PFC Function
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com