Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AUC1G14DCKR Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
SN74AUC1G14DCKR Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 13 page SN74AUC1G14 SINGLE SCHMITT TRIGGER INVERTER SCES375J − SEPTEMBER 2001 − REVISED NOVEMBER 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 3) MIN MAX UNIT VCC Supply voltage 0.8 2.7 V VI Input voltage 0 3.6 V VO Output voltage 0 VCC V VCC = 0.8 V −0.7 VCC = 1.1 V −3 IOH High-level output current VCC = 1.4 V −5 mA IOH High-level output current VCC = 1.65 V −8 mA VCC = 2.3 V −9 VCC = 0.8 V 0.7 VCC = 1.1 V 3 IOL Low-level output current VCC = 1.4 V 5 mA IOL Low-level output current VCC = 1.65 V 8 mA VCC = 2.3 V 9 TA Operating free-air temperature −40 85 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |
Numéro de pièce similaire - SN74AUC1G14DCKR |
|
Description similaire - SN74AUC1G14DCKR |