Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMP9212S Fiches technique(PDF) 8 Page - Summit Microelectronics, Inc.

No de pièce SMP9212S
Description  Dual 10-bit Nonvolatile DAC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMMIT [Summit Microelectronics, Inc.]
Site Internet  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMP9212S Fiches technique(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMP9212S Datasheet HTML 2Page - Summit Microelectronics, Inc. SMP9212S Datasheet HTML 3Page - Summit Microelectronics, Inc. SMP9212S Datasheet HTML 4Page - Summit Microelectronics, Inc. SMP9212S Datasheet HTML 5Page - Summit Microelectronics, Inc. SMP9212S Datasheet HTML 6Page - Summit Microelectronics, Inc. SMP9212S Datasheet HTML 7Page - Summit Microelectronics, Inc. SMP9212S Datasheet HTML 8Page - Summit Microelectronics, Inc. SMP9212S Datasheet HTML 9Page - Summit Microelectronics, Inc. SMP9212S Datasheet HTML 10Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Advance Information
page 8 of 8
SMP9210 SMP9211 SMP9212
SUMMIT
MICROELECTRONICS, Inc.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IDD
Power Supply Current
NV Write
VDD = 5.5V
VDD = 2.7V
mA
Standby or Quiescent
Excluding Current VDD = 5.5V
Through DACs
VDD = 2.7V
µA
Power Down
Total Current
VDD = 5.5V
Including DAC
VDD = 2.7V
µΑ
VDD
Supply Voltage
2.7
5.5
V
VIH
SDA, SCL
0.7xVDD
V
VIL
SDA, SCL
0.3xVDD
V
VOL
SDA
IOL = 3mA
0.4
V
ILI
Input Leakage
VIN = 0 to VDD
10
mA
ILO
Output Leakage
VOUT = 0 to VDD
WEND
Write Endurance
Number of NV Store Operations
1x10
6
NVStores
tDR
Data Retention
NVData Retention
100
Years


Numéro de pièce similaire - SMP9212S

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
SMP900G-JP SEME-LAB-SMP900G-JP Datasheet
54Kb / 2P
   P.I.N. PHOTODIODE
SMP900G-JQ SEME-LAB-SMP900G-JQ Datasheet
55Kb / 2P
   P.I.N. PHOTODIODE
SMP900G-KP SEME-LAB-SMP900G-KP Datasheet
55Kb / 2P
   P.I.N. PHOTODIODE
SMP900G-KQ SEME-LAB-SMP900G-KQ Datasheet
55Kb / 2P
   P.I.N. PHOTODIODE
logo
Summit Microelectronics...
SMP9317 SUMMIT-SMP9317 Datasheet
38Kb / 6P
   Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
More results

Description similaire - SMP9212S

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
logo
Agamem Microelectronic ...
AA88368 AGAMEM-AA88368 Datasheet
55Kb / 1P
   10-BIT DAC
logo
Maxim Integrated Produc...
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
logo
Agamem Microelectronic ...
AA88368AP AGAMEM-AA88368AP Datasheet
202Kb / 15P
   10-BIT DAC
logo
Maxim Integrated Produc...
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
logo
Linear Technology
LTC1661 LINER-LTC1661 Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
logo
Analog Devices
LTC2632 AD-LTC2632 Datasheet
518Kb / 24P
   Dual 12-/10-/8-Bit SPI DAC
logo
Maxim Integrated Produc...
MAX5854 MAXIM-MAX5854 Datasheet
446Kb / 18P
   Dual, 10-Bit, 165Msps, Current-Output DAC
Rev 0; 2/04
logo
List of Unclassifed Man...
SMP9410 ETC-SMP9410 Datasheet
422Kb / 13P
   Quad 10-Bit Nonvolatile DACPOT
logo
Maxim Integrated Produc...
MAX5547 MAXIM-MAX5547 Datasheet
799Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 0; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com