Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NTE1639 Datasheet(Fiches technique) 1 Page - NTE Electronics

Numéro de pièce NTE1639
Description  Integrated Circuit CMOS Clock Generator/Driver for BBDs
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo 

   
 1 page
background image
NTE1639
Integrated Circuit
CMOS Clock Generator/Driver for BBDs
Description:
The NTE1639 is a CMOS LSI Clock Generator ina 8–Lead DIP type package capable of generating
two phase clock signals of low output impedance for use as a BBD driver. The built–in VGG power
supply circuit provides the proper voltages needed for driving BBDs such as the NTE1641.
Features:
D BBD Direct Driving Capability of up to two BBD’s
D Self and Separate Oscillations.
D Two Phase Clock Output (Duty: 1/2)
D Built–in VGG Voltage Generator for Driving the NTE1641 BBD.
D Single Power Supply: –8V to –16V.
Applications:
D BBD Clock Generator/Driver.
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Drain Supply Voltage, VDD
–18V to +0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input/Output Pin Voltage, VI, VO
VDD –0.3V to +0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
200mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–10
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–30
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
Item
Symbol
Condition
Min
Typ
Max
Unit
Drain Supply Voltage
VDD
GND = 0V
–8
–15
–16
V




Html Pages

1  2  3  4 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
NTE1408Integrated Circuit CMOS Color Signal Processor for VCR 1 2 NTE Electronics
T6B08CMOS DIGITAL INTEGRATED CIRCUIT ROW DRIVER FOR A DOT MATRIX LCD 1 2 3 4 5 MoreToshiba Semiconductor
MRD520A1.2um CMOS integrated circuit for purpose of amplification 1 2 3 4 5 MoreList of Unclassifed Manufacturers
NTE15030Integrated Circuit CMOS Color Processing Circuit for VCR 1 2 3 NTE Electronics
UPD6453MOS INTEGRATED CIRCUIT CMOS LSI FOR 12 lines X 24 columns CHARACTER DISPLAY ON SCREEN 1 2 3 4 5 MoreNEC
NTE1414Integrated Circuit Digital AC Clock Timer for VCR 1 2 3 NTE Electronics
NTE1475Integrated Circuit CMOS Phase-Locked Loop PLL Frequency Synthesizer for CB 1 2 3 NTE Electronics
NTE2088Integrated Circuit 4-Segment Darlington Array w/Pre-Driver Stage for use with PMOS and 12V CMOS 1 2 3 NTE Electronics
NTE1534Integrated Circuit CMOS Phase Lock Loop PLL Frequency Synthesizer for AM/FM Radio 1 2 NTE Electronics
UPD6451AMOS INTEGRATED CIRCUIT CMOS LSI FOR 12lines X 24 columns CHARACTER DISPLAY ON SCREEN 1 2 3 4 5 MoreNEC

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl