Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD237 Fiches technique(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No de pièce BD237
Description  Silicon NPN transistor in a TO-126 Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Site Internet  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BD237 Fiches technique(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BD237 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BD237 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BD237 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BD237 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BD237 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BD237 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BD237
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
80
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current - Continuous
IC
2.0
A
Peak Collector Current
ICM
6.0
A
Collector Power Dissipation
PC(Tc=25 )
25
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Emitter Breakdown
Voltage*
*VCEO
IC=100mA
IB=0
80
V
Collector Cut-Off Current
ICBO
VCB=80V
IE=0
0.1
mA
Emitter Cut-Off Current
IEBO
VEB=5.0V
IC=0
1.0
mA
DC Current Gain
*hFE(1)
VCE=2.0V
IC=150mA
40
*hFE(2)
VCE=2.0V
IC=1.0A
25
Collector to Emitter Saturation
Voltage*
*VCE(sat)
IC=1.0A
IB=0.1A
0.6
V
Base to Emitter On Voltage*
*VBE
VCE=2.0V
IC=1.0A
1.3
V
Transition Frequency
fT
VCE=10V
IC=250mA
3.0
MHz
* Pulse test: pulse width =300
μs;duty cycle 1.5%.
* 脉冲测试:脉宽=300μs;占空比 1.5%。
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Numéro de pièce similaire - BD237

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BD237 MOTOROLA-BD237 Datasheet
104Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
Inchange Semiconductor ...
BD237 ISC-BD237 Datasheet
130Kb / 3P
   Silicon NPN Power Transistors
logo
List of Unclassifed Man...
BD237 ETC-BD237 Datasheet
1Mb / 14P
   GERMANIOVE TRANZISTORY
logo
STMicroelectronics
BD237 STMICROELECTRONICS-BD237 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
SHENZHEN YONGERJIA INDU...
BD237 WINNERJOIN-BD237 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
More results

Description similaire - BD237

FabricantNo de pièceFiches techniqueDescription
logo
Foshan Blue Rocket Elec...
2SD669 FOSHAN-2SD669 Datasheet
1,019Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
2SD1609 FOSHAN-2SD1609 Datasheet
941Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
MJE243 FOSHAN-MJE243 Datasheet
1,015Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
KSD882 FOSHAN-KSD882 Datasheet
865Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
TIP122L FOSHAN-TIP122L Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
2SD669A FOSHAN-2SD669A Datasheet
1,011Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package
KTD1691 FOSHAN-KTD1691 Datasheet
982Kb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
2SC5171S FOSHAN-2SC5171S Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-126 Plastic Package.
MJE13003LF5 FOSHAN-MJE13003LF5 Datasheet
830Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package.
MJE13002F5 FOSHAN-MJE13002F5 Datasheet
804Kb / 6P
   Silicon NPN transistor in a TO-126(R) Plastic Package
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com