Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF370 Fiches technique(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No de pièce BF370
Description  Silicon NPN transistor in a TO-92(R) Plastic Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Site Internet  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BF370 Fiches technique(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BF370 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BF370 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BF370 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BF370 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BF370 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BF370
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 5
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
15
V
Emitter to Base Voltage
VEBO
4.5
V
Collector Current - Continuous
IC
100
mA
Peak Collector Current
ICM
200
mA
Collector Power Dissipation
PC
500
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
电性能参数 / Electrical Characteristics(Ta=25℃)
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector Cut-Off Current
ICBO
VCB=20V
IE=0
30
μA
Emitter Cut-Off Current
IEBO
VEB=2.0V
IC=0
0.1
μA
DC Current Gain
hFE
VCE=1.0V
IC=10mA
40
Collector Capacitance
Cc
IE=ie=0
VCB=10V
f=1.0MHz
2.2
pF
Emitter Capacitance
Ce
IC=ic=0
VEB=1.0V
f=1.0MHz
4.5
pF
Feedback Capacitance
Cre
VCB=10V
IC=0
f=1.0MHz
1.6
pF
Transition Frequency
fT
VCE=10V
IC=10mA
f=100MHz
500
MHz
VCE=10V
IC=40mA
f=100MHz
490
MHz
极限参数 / Absolute Maximum Ratings(Ta=25℃)


Numéro de pièce similaire - BF370

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BF370 PHILIPS-BF370 Datasheet
41Kb / 8P
   NPN medium frequency transistor
1999 Apr 21
BF370 NXP-BF370 Datasheet
104Kb / 6P
   NPN medium frequency transistor
2004 Nov 08
logo
SHENZHEN YONGERJIA INDU...
BF370 WINNERJOIN-BF370 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
BF370 JIANGSU-BF370 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Continental Device Indi...
BF370R CDIL-BF370R Datasheet
106Kb / 3P
   NPN SILICON PLANAR TRANSISTOR
More results

Description similaire - BF370

FabricantNo de pièceFiches techniqueDescription
logo
Foshan Blue Rocket Elec...
BC547 FOSHAN-BC547 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC184 FOSHAN-BC184 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
PH2369 FOSHAN-PH2369 Datasheet
840Kb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC337 FOSHAN-BC337 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC338 FOSHAN-BC338 Datasheet
729Kb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC548 FOSHAN-BC548 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC549 FOSHAN-BC549 Datasheet
807Kb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
ED1502 FOSHAN-ED1502 Datasheet
783Kb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
ED1702 FOSHAN-ED1702 Datasheet
667Kb / 5P
   Silicon NPN transistor in a TO-92(R) Plastic Package
BC550 FOSHAN-BC550 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92(R) Plastic Package
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com