Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT26-400 Fiches technique(PDF) 1 Page - Sirectifier Semiconductors

No de pièce BAT26-400
Description  Discrete Triacs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIRECTIFIER [Sirectifier Semiconductors]
Site Internet  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

BAT26-400 Fiches technique(HTML) 1 Page - Sirectifier Semiconductors

  BAT26-400 Datasheet HTML 1Page - Sirectifier Semiconductors BAT26-400 Datasheet HTML 2Page - Sirectifier Semiconductors BAT26-400 Datasheet HTML 3Page - Sirectifier Semiconductors BAT26-400 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BTA26
Discrete Triacs(Isolated)
ABSOLUT
E MAXIMUM RATINGS
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
TO-218
Tc = 100°C
25
A
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25°C)
F = 60 Hz
t = 16.7 ms
250
A
F = 50 Hz
t = 20 ms
260
I²tI²t Value for fusing
tp = 10 ms
340
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr < 100 ns
F = 120 Hz
Tj = 125°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate p ower diss ipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
s
SNUBBERLESS and LOGIC LEVEL(3 Quadrants)
Symbol
Test Con tions
Quadrant
BTA
Unit
CW
BW
IGT
VD = 12 V
RL = 33
I - II - III
MAX.
35
50
mA
VGT
I - II - III
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kTj = 125°C I - II - III
MIN.
0.2
V
IH
IT = 500 mA
MAX.
50
75
mA
IL
IG = 1.2 IGT
I - III
MAX.
70
80
mA
II
80
100
dV/dt
VD = 67 % VDRM gate open Tj = 125°C
MIN.
500
1000
V/µs
(dI/dt)c
Without snubber
Tj = 125°C
MIN.
22
A/ms
Dimensions TO-218
T2
T1
G
Symbol
13
_
VDSM/VRSM Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25°C
VDRM/VRRM
+ 100
V
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.4
4.6
0.173
0.181
B
1.45
1.55
0.057
0.061
C
14.35
15.60 0.565
0.614
D
0.5
0.7
0.020
0.028
E
2.7
2.9
0.106
0.114
F
15.8
16.5
0.622
0.650
G
20.4
21.1
0.815
0.831
H
15.1
15.5
0.594
0.610
J
5.4
5.65
0.213
0.222
K
3.4
3.65
0.134
0.144
ØL
4.08
4.17
0.161
0.164
P
1.20
1.40
0.047
0.055
R
4.60
0.181
R
H
K
G
F
E
D
B
A
C
J
J
P
ØL
T1
G
T2
Type
BTA
26-400
BTA
26-600
BTA
26-800
BTA
26-1000
BTA
26-1200
VRRM
VDRM
V
400
600
800
1000
1200
VRSM
VDSM
V
500
700
900
1100
1300
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Numéro de pièce similaire - BAT26-400

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BAT20J STMICROELECTRONICS-BAT20J Datasheet
54Kb / 5P
   HIGH EFFICIENCY SWITCHING AND ULTRA LOW LEAKAGE CURRENT SCHOTTKY DIODE
BAT20JFILM STMICROELECTRONICS-BAT20JFILM Datasheet
54Kb / 5P
   HIGH EFFICIENCY SWITCHING AND ULTRA LOW LEAKAGE CURRENT SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT21 KEXIN-BAT21 Datasheet
37Kb / 1P
   Schottky barrier (double) diodes
BAT21A KEXIN-BAT21A Datasheet
37Kb / 1P
   Schottky barrier (double) diodes
BAT21C KEXIN-BAT21C Datasheet
37Kb / 1P
   Schottky barrier (double) diodes
More results

Description similaire - BAT26-400

FabricantNo de pièceFiches techniqueDescription
logo
Sirectifier Semiconduct...
BAT10 SIRECTIFIER-BAT10 Datasheet
453Kb / 4P
   Discrete Triacs
BAT41 SIRECTIFIER-BAT41 Datasheet
270Kb / 4P
   Discrete Triacs
SBTA35G04B SIRECTIFIER-SBTA35G04B Datasheet
619Kb / 4P
   Discrete Triacs
SBTA25G04B SIRECTIFIER-SBTA25G04B Datasheet
573Kb / 3P
   Discrete Triacs
BAT15 SIRECTIFIER-BAT15 Datasheet
371Kb / 4P
   Discrete Triacs
logo
Sirectifier Global Corp...
BTA15 SIRECT-BTA15 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB41 SIRECTIFIER-BTB41 Datasheet
163Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB06 SIRECTIFIER-BTB06 Datasheet
341Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA35 SIRECT-BTA35 Datasheet
1Mb / 2P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB08 SIRECTIFIER-BTB08 Datasheet
337Kb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com