Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA16F Fiches technique(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No de pièce BTA16F
Description  Triac in a TO-220F Plastic Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Site Internet  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BTA16F Fiches technique(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BTA16F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA16F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA16F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA16F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA16F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA16F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA16F Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA16F Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BTA16F
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 8
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Repetitive peak off-state voltages
VDRM/VRRM
600/800
V
On-state rms current(full sine wave
TC=86℃)
IT(RMS)
16
A
Non repetitive surge peak on-state
current(full cycle, Tj initial = 25 °C)
ITSM(F=50Hz
t=20ms)
160
A
Non repetitive surge peak on-state
current(full cycle, Tj initial =25°C)
ITSM(F=60Hz
t=16.7ms)
168
A
I2t value for fusing
I2t(tp=10ms)
144
A2s
Critical rate of rise of on-state current
IG =2xIGT, tr≤100 ns(F=120Hz Tj=125℃)
dI/dt
50
A/μs
Non repetitive surge peak off-state
Voltage(tp = 10 ms Tj =25°C)
VDSM/VRSM
VDRM/VRRM
+ 100
V
Peak gate current(tp =20μs Tj=125℃)
IGM
4.0
A
Average gate power dissipation(Tj=125℃)
PG(AV)
1.0
W
Maximum operating Junction
Temperature
Tj
-40~125
Storage Temperature Range
Tstg
-40~150
Junction to ambient
Rth(j-a)
60
/W
Junction to case (AC)
Rth(j-c)
2.1
/W
符号
Symbol
测试条件
Test Conditions
信号区
Quadrant
BTA16F
单位
Unit
SW
CW
BW
IGT
(1)
VD=12V RL=33Ω
I-II-III
Max.
10
35
50
mA
VGT
VD=12V RL=33Ω
I-II-III
Max.
1.3
V
VGD
VD=VDRM RL=3.3KΩ
Tj=125℃
I-II-III
Min.
0.2
V
IH
(2)
IT=500mA
Max.
15
35
50
mA
IL
IG=1.2IGT
I-III
Max.
25
50
70
mA
II
30
60
80
dV/dt (2)
VD = 67 % VDRM gate open
Tj = 125° C
Min.
40
500
1000
V/μs
(dI/dt)c (2)
(dV/dt)c = 0.1V/μS
Tj = 125° C
Min.
8.5
-
-
A/mS
(dV/dt)c = 10V/μS
Tj = 125° C
Min.
3.0
-
-
Without snubber
Tj = 125° C
Min.
-
8.5
14
Note 1:minimum IGT is guaranted at 5% of IGT max.
Note 2:for both polarities of A2 referenced to A1.
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)
免缓冲器和逻辑电平(3 象限) / Snubberless and logic level(3 quadrants)


Numéro de pièce similaire - BTA16F

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTA16 STMICROELECTRONICS-BTA16 Datasheet
67Kb / 5P
   STANDARD TRIACS
logo
Inchange Semiconductor ...
BTA16 ISC-BTA16 Datasheet
205Kb / 1P
   isc Triacs
logo
STMicroelectronics
BTA16 STMICROELECTRONICS-BTA16 Datasheet
99Kb / 9P
   16A TRIACS
logo
SiPower Inc.
BTA16 SIPOWER-BTA16 Datasheet
1Mb / 6P
   16A Triacs
logo
Suntac Electronic Corp.
BTA16 SUNTAC-BTA16 Datasheet
83Kb / 4P
   16A Triacs logic level
More results

Description similaire - BTA16F

FabricantNo de pièceFiches techniqueDescription
logo
Foshan Blue Rocket Elec...
BTA04F FOSHAN-BTA04F Datasheet
1Mb / 6P
   Triac in a TO-220F Plastic Package
BTA08F FOSHAN-BTA08F Datasheet
1Mb / 8P
   Triac in a TO-220F Plastic Package
BTA12F FOSHAN-BTA12F Datasheet
1Mb / 8P
   Triac in a TO-220F Plastic Package
BTA06F FOSHAN-BTA06F Datasheet
1Mb / 8P
   Triac in a TO-220F Plastic Package
BTA20F FOSHAN-BTA20F Datasheet
1Mb / 7P
   Triac in a TO-220F Plastic Package
7808F FOSHAN-7808F Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220F Plastic Package
LV20100FCT FOSHAN-LV20100FCT Datasheet
815Kb / 6P
   Schottky Diode in a TO-220F Plastic Package
7812F FOSHAN-7812F Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220F Plastic Package
MBRF20150CT FOSHAN-MBRF20150CT Datasheet
1Mb / 7P
   Schottky Diode in a TO-220F Plastic Package
MBRF10200CT FOSHAN-MBRF10200CT Datasheet
799Kb / 6P
   Schottky Diode in a TO-220F Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com