Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA08F Fiches technique(PDF) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No de pièce BTA08F
Description  Triac in a TO-220F Plastic Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Site Internet  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BTA08F Fiches technique(HTML) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BTA08F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA08F Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BTA08F
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
5 / 8
电参数曲线图 / Electrical Characteristic Curve


Numéro de pièce similaire - BTA08F

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTA08 STMICROELECTRONICS-BTA08 Datasheet
68Kb / 5P
   SENSITIVE GATE TRIACS
logo
Sirectifier Semiconduct...
BTA08 SIRECTIFIER-BTA08 Datasheet
337Kb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA08 SIRECT-BTA08 Datasheet
1Mb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
STMicroelectronics
BTA08 STMICROELECTRONICS-BTA08 Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
   8A TRIACs
More results

Description similaire - BTA08F

FabricantNo de pièceFiches techniqueDescription
logo
Foshan Blue Rocket Elec...
BTA04F FOSHAN-BTA04F Datasheet
1Mb / 6P
   Triac in a TO-220F Plastic Package
BTA16F FOSHAN-BTA16F Datasheet
1Mb / 8P
   Triac in a TO-220F Plastic Package
BTA12F FOSHAN-BTA12F Datasheet
1Mb / 8P
   Triac in a TO-220F Plastic Package
BTA06F FOSHAN-BTA06F Datasheet
1Mb / 8P
   Triac in a TO-220F Plastic Package
BTA20F FOSHAN-BTA20F Datasheet
1Mb / 7P
   Triac in a TO-220F Plastic Package
7808F FOSHAN-7808F Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220F Plastic Package
LV20100FCT FOSHAN-LV20100FCT Datasheet
815Kb / 6P
   Schottky Diode in a TO-220F Plastic Package
7812F FOSHAN-7812F Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220F Plastic Package
MBRF20150CT FOSHAN-MBRF20150CT Datasheet
1Mb / 7P
   Schottky Diode in a TO-220F Plastic Package
MBRF10200CT FOSHAN-MBRF10200CT Datasheet
799Kb / 6P
   Schottky Diode in a TO-220F Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com