Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM385-1.2-MIL Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM385-1.2-MIL
Description  Micropower Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM385-1.2-MIL Fiches technique(HTML) 5 Page - Texas Instruments

  LM385-1.2-MIL Datasheet HTML 1Page - Texas Instruments LM385-1.2-MIL Datasheet HTML 2Page - Texas Instruments LM385-1.2-MIL Datasheet HTML 3Page - Texas Instruments LM385-1.2-MIL Datasheet HTML 4Page - Texas Instruments LM385-1.2-MIL Datasheet HTML 5Page - Texas Instruments LM385-1.2-MIL Datasheet HTML 6Page - Texas Instruments LM385-1.2-MIL Datasheet HTML 7Page - Texas Instruments LM385-1.2-MIL Datasheet HTML 8Page - Texas Instruments LM385-1.2-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LM385-1.2-MIL
www.ti.com
SLVSE73 – JUNE 2017
Product Folder Links: LM385-1.2-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Full range is
−40°C to 85°C for the LM385-1.2-MIL.
(2)
I(min) = 15 μA for the LM385-1.2-MIL.
(3)
The average temperature coefficient of reference voltage is defined as the total change in reference voltage divided by the specified
temperature range.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
VZ
Reference voltage
IZ = I(min) to 20 mA
(2)
25°C
1.21
1.235
1.26
V
αVZ
Average temperature coefficient of
reference voltage(3)
IZ = I(min) to 20 mA
(2)
Full range
±20
ppm/°C
ΔVZ
Change in reference voltage with
current
IZ = I(min) to 1 mA
(2)
25°C
1
mV
Full range
1.5
IZ = I(min) to 20 mA
25°C
20
Full range
30
ΔVZ/Δt
Long-term change in reference
voltage
IZ = 100 µA
25°C
±20
ppm/khr
IZ(min)
Minimum reference current
Full range
8
15
µA
ZZ
Reference impedance
IZ = 100 µA, f = 25 Hz
25°C
0.4
1
Ω
Full range
1.5
Vn
Broadband noise voltage
IZ = 100 µA, f = 10 Hz to 10 kHz
25°C
60
µV


Numéro de pièce similaire - LM385-1.2-MIL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM385-1.2-MWC TI1-LM385-1.2-MWC Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
More results

Description similaire - LM385-1.2-MIL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com