Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC38RF85 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC38RF85
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF85 Fiches technique(HTML) 4 Page - Texas Instruments

  DAC38RF85 Datasheet HTML 1Page - Texas Instruments DAC38RF85 Datasheet HTML 2Page - Texas Instruments DAC38RF85 Datasheet HTML 3Page - Texas Instruments DAC38RF85 Datasheet HTML 4Page - Texas Instruments DAC38RF85 Datasheet HTML 5Page - Texas Instruments DAC38RF85 Datasheet HTML 6Page - Texas Instruments DAC38RF85 Datasheet HTML 7Page - Texas Instruments DAC38RF85 Datasheet HTML 8Page - Texas Instruments DAC38RF85 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 155 page
background image
4
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
www.ti.com
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Changes from Revision A (February 2017) to Revision B
Page
Added VDDE1 rail to Supply Voltage Range in the Absolute Maximum Ratings table........................................................ 13
Changed subtitle From: LVDS OUTPUT: SYNC1+/-, SYNC2+/- To: LVDS OUTPUT: SYNC0+/-, SYNC1+/- in the
Electrical Characteristics - Digital Specifications table ........................................................................................................ 17
Added "0 dBFS" amplitude of input digital data in test conditions in the Electrical Characteristics - AC Specifications
table ...................................................................................................................................................................................... 20
Changed the NSD values for -9 dBFS in Electrical Characteristics - AC Specifications table ............................................ 22
Added the PLL/VCO Electrical Characteristics table............................................................................................................ 23
Changed From: VCO frequency = 5898.24 MHz To: VCO frequency = 5.9 GHz in Figure 43 and Figure 44 .................... 32
Changed From: measured at 1 GHz To: measured at 1.8 GHz in Figure 41 and Figure 43............................................... 32
Added JESD204B clock phase register setting to Table 36 ................................................................................................ 65
Removed descriptions for CLKJESD_DIV register from Table 36 ...................................................................................... 65
Added JESD204B clock phase register setting to Table 37................................................................................................. 65
Added information about the DAC output total current for various full scale current settings in DAC Fullscale Output
Current ................................................................................................................................................................................. 72
Changed the text in the second sentence of the DAC Transfer Function for DAC38RF80/90/84 section ......................... 75
Changed Bit 0 of Table 123 From: Enables the GSM PLL To: Reserved.......................................................................... 134
Changed Table 125 ........................................................................................................................................................... 136
Changed description of SERDES_REFCLK_DIV register field in Table 126 .................................................................... 137
Changed Bit 12:11, 6:5 and 4:2 of Table 129 ................................................................................................................... 139
Updated the startup sequence in Figure 167 .................................................................................................................... 141


Numéro de pièce similaire - DAC38RF85

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC38RF85 TI1-DAC38RF85 Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF85 TI1-DAC38RF85 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF85IAAV TI1-DAC38RF85IAAV Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF85IAAVR TI1-DAC38RF85IAAVR Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
More results

Description similaire - DAC38RF85

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF82 TI1-DAC38RF82_17 Datasheet
3Mb / 140P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
[Old version datasheet]   Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
[Old version datasheet]   AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
[Old version datasheet]   Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com