Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC38RFXX Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce DAC38RFXX
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RFXX Fiches technique(HTML) 3 Page - Texas Instruments

  DAC38RFXX Datasheet HTML 1Page - Texas Instruments DAC38RFXX Datasheet HTML 2Page - Texas Instruments DAC38RFXX Datasheet HTML 3Page - Texas Instruments DAC38RFXX Datasheet HTML 4Page - Texas Instruments DAC38RFXX Datasheet HTML 5Page - Texas Instruments DAC38RFXX Datasheet HTML 6Page - Texas Instruments DAC38RFXX Datasheet HTML 7Page - Texas Instruments DAC38RFXX Datasheet HTML 8Page - Texas Instruments DAC38RFXX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 155 page
background image
3
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Revision History (continued)
Changed x To:
√ in the JESD204B Formats for DAC38RFxx talbe ..................................................................................... 44
Changed JESD204B frame format for LMFSHd=84111 in Table 12 ................................................................................... 45
Changed JESD204B frame format for LMFSHd=44210 in Table 14 ................................................................................... 46
Changed JESD204B frame format for LMFSHd=24410 in Table 16 ................................................................................... 46
Changed JESD204B frame format for LMFSHd=44210 in Table 17 ................................................................................... 46
Changed JESD204B frame format for LMFSHd=88210 in Table 18 ................................................................................... 46
Changed JESD204B frame format for LMFSHd=24410 in Table 19 ................................................................................... 47
Changed JESD204B frame format for LMFSHd=48410 in Table 20 ................................................................................... 47
Changed JESD204B frame format for LMFSHd=24310 in Table 21 ................................................................................... 47
Changed JESD204B frame format for LMFSHd=48310 in Table 22 ................................................................................... 47
Changed Table 33 ................................................................................................................................................................ 60
Changed register field programming values for LMFSHd=24410 and 24310 in Table 36 ................................................... 65
Changed the bit positions of N_M1 register field From: 12-8 To: 4-0 in Table 37 .............................................................. 65
Changed the bit positions of N_M1' N_M1’ (NPRIME_M1) register field From: 4-0 To: 12-8 in Table 37 ......................... 65
Deleted ISFIRCD_ENA and ISFIR_AB regsiter fields. Added ISFIR_ENA register field in Inverse Sinc Filter ................... 67
Changed the description of DAC PLL alarm in Alarm Monitoring ........................................................................................ 70
Changed from BIST_ENA to Reserved in Table 56 ............................................................................................................ 91
Changed from BIST_ZERO to Reserved in Table 56 ......................................................................................................... 91
Changed the description of OUTSUM_SEL field in Table 64 ............................................................................................. 97
Changed From: "dummy data generation" To: "distortion enhancement" in Table 111 .................................................... 127
Changed the junction temp and loop filter voltage range for PLL tuning in Figure 167 .................................................... 141


Numéro de pièce similaire - DAC38RFXX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC38RFxx TI1-DAC38RFxx Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RFXX TI1-DAC38RFXX Datasheet
2Mb / 141P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
More results

Description similaire - DAC38RFXX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF82 TI1-DAC38RF82_17 Datasheet
3Mb / 140P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
[Old version datasheet]   Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
[Old version datasheet]   AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
[Old version datasheet]   Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com