Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD18511KTTT Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD18511KTTT
Description  40-V N-Channel NexFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18511KTTT Fiches technique(HTML) 10 Page - Texas Instruments

Back Button CSD18511KTTT Datasheet HTML 3Page - Texas Instruments CSD18511KTTT Datasheet HTML 4Page - Texas Instruments CSD18511KTTT Datasheet HTML 5Page - Texas Instruments CSD18511KTTT Datasheet HTML 6Page - Texas Instruments CSD18511KTTT Datasheet HTML 7Page - Texas Instruments CSD18511KTTT Datasheet HTML 8Page - Texas Instruments CSD18511KTTT Datasheet HTML 9Page - Texas Instruments CSD18511KTTT Datasheet HTML 10Page - Texas Instruments CSD18511KTTT Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Aug-2017
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CSD18511KTT
PREVIEW
DDPAK/
TO-263
KTT
3
500
Pb-Free (RoHS
Exempt)
CU SN
Level-2-260C-1 YEAR
-55 to 175
CSD18511KTT
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Numéro de pièce similaire - CSD18511KTTT

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
CSD18511KTT ISC-CSD18511KTT Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - CSD18511KTTT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD18511KCS TI1-CSD18511KCS Datasheet
353Kb / 10P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18511Q5A TI1-CSD18511Q5A Datasheet
602Kb / 13P
[Old version datasheet]   CSD18511Q5A 40 V N-Channel NexFET Power MOSFET
CSD18513Q5A TI1-CSD18513Q5A Datasheet
608Kb / 13P
[Old version datasheet]   CSD18513Q5A 40-V N-Channel NexFET Power MOSFET
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
CSD18514Q5A TI1-CSD18514Q5A Datasheet
450Kb / 13P
[Old version datasheet]   CSD18514Q5A 40-V N-Channel NexFET Power MOSFET
CSD18512Q5B TI1-CSD18512Q5B Datasheet
659Kb / 13P
[Old version datasheet]   CSD18512Q5B 40 V N-Channel NexFET Power MOSFET
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18504KCS TI-CSD18504KCS Datasheet
299Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com