Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD18511KTT Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD18511KTT
Description  40-V N-Channel NexFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18511KTT Fiches technique(HTML) 2 Page - Texas Instruments

  CSD18511KTT Datasheet HTML 1Page - Texas Instruments CSD18511KTT Datasheet HTML 2Page - Texas Instruments CSD18511KTT Datasheet HTML 3Page - Texas Instruments CSD18511KTT Datasheet HTML 4Page - Texas Instruments CSD18511KTT Datasheet HTML 5Page - Texas Instruments CSD18511KTT Datasheet HTML 6Page - Texas Instruments CSD18511KTT Datasheet HTML 7Page - Texas Instruments CSD18511KTT Datasheet HTML 8Page - Texas Instruments CSD18511KTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
CSD18511KTT
SLPS684 – JULY 2017
www.ti.com
Product Folder Links: CSD18511KTT
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Specifications......................................................... 3
5.1
Electrical Characteristics........................................... 3
5.2
Thermal Information .................................................. 3
5.3
Typical MOSFET Characteristics .............................. 4
6
Device and Documentation Support.................... 7
6.1
Receiving Notification of Documentation Updates.... 7
6.2
Community Resources.............................................. 7
6.3
Trademarks ............................................................... 7
6.4
Electrostatic Discharge Caution ................................ 7
6.5
Glossary .................................................................... 7
7
Mechanical, Packaging, and Orderable
Information ............................................................. 8
7.1
KTT Package Dimensions ........................................ 8
7.2
Recommended PCB Pattern..................................... 9
7.3
Recommended Stencil Opening (0.125 mm Stencil
Thickness).................................................................. 9
4 Revision History
DATE
REVISION
NOTES
July 2017
*
Initial release.


Numéro de pièce similaire - CSD18511KTT

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
CSD18511KTT ISC-CSD18511KTT Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - CSD18511KTT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD18511KCS TI1-CSD18511KCS Datasheet
353Kb / 10P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18511Q5A TI1-CSD18511Q5A Datasheet
602Kb / 13P
[Old version datasheet]   CSD18511Q5A 40 V N-Channel NexFET Power MOSFET
CSD18513Q5A TI1-CSD18513Q5A Datasheet
608Kb / 13P
[Old version datasheet]   CSD18513Q5A 40-V N-Channel NexFET Power MOSFET
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
CSD18514Q5A TI1-CSD18514Q5A Datasheet
450Kb / 13P
[Old version datasheet]   CSD18514Q5A 40-V N-Channel NexFET Power MOSFET
CSD18512Q5B TI1-CSD18512Q5B Datasheet
659Kb / 13P
[Old version datasheet]   CSD18512Q5B 40 V N-Channel NexFET Power MOSFET
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18504KCS TI-CSD18504KCS Datasheet
299Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com