Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC2413K Fiches technique(PDF) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No de pièce 2SC2413K
Description  Silicon NPN transistor in a SOT-23 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Site Internet  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC2413K Fiches technique(HTML) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC2413K Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2413K Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2413K Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2413K Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2413K Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC2413K Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC2413K
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
4 / 6
外形尺寸图 / Package Dimensions


Numéro de pièce similaire - 2SC2413K

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
2SC2413K ROHM-2SC2413K Datasheet
80Kb / 4P
   High-frequency Amplifier Transistor(25V, 50mA, 300MHz)
2SC2413K ROHM-2SC2413K Datasheet
147Kb / 3P
   High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
2SC2413K ROHM-2SC2413K Datasheet
105Kb / 3P
   High-frequency Amplifier Transistor
2SC2413K ROHM-2SC2413K Datasheet
172Kb / 3P
   High-frequency Amplifier Transistor (25V, 50mA, 300MHz)
More results

Description similaire - 2SC2413K

FabricantNo de pièceFiches techniqueDescription
logo
Foshan Blue Rocket Elec...
BCX70K FOSHAN-BCX70K Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
KTC3881S FOSHAN-KTC3881S Datasheet
693Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
L8050M FOSHAN-L8050M Datasheet
783Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBR5179 FOSHAN-MMBR5179 Datasheet
600Kb / 5P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222 FOSHAN-MMBT2222 Datasheet
817Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT2222A FOSHAN-MMBT2222A Datasheet
879Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
MMBT5089 FOSHAN-MMBT5089 Datasheet
633Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC1740M FOSHAN-2SC1740M Datasheet
760Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2216M FOSHAN-2SC2216M Datasheet
804Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC2717M FOSHAN-2SC2717M Datasheet
873Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
2SC3130 FOSHAN-2SC3130 Datasheet
609Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com