Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5223A Fiches technique(PDF) 3 Page - First Components International

No de pièce 1N5223A
Description  ZENER DIODES (2.4V to 200V)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FCI [First Components International]
Site Internet  http://www.cotra.com.tw/
Logo FCI - First Components International

1N5223A Fiches technique(HTML) 3 Page - First Components International

  1N5223A Datasheet HTML 1Page - First Components International 1N5223A Datasheet HTML 2Page - First Components International 1N5223A Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Data Sheet
½ Watt
ZENER DIODES (2.4V to 200V)
°C
NOTES: 1. For 10% Tolerance on Zener Voltage, Specify Suffix ‘‘A’’. For 5% Tolerance,
Specify Suffix ‘‘B’’. (Example: 1N5230B = 4.7V +/- 5%)
2. T
A = 25
unless otherwise specified. Measurements made at Thermal Equilibrium.
Test
Current
I
ZT (mA)
Max. Zener Impedance
Max. Reverse
Leakage Current @
V
R
Z
ZT @ IZT
(Ω)
Z
ZK @ IZK = 0.25mA
(Ω)
Part #
Jedec Type #
I
R (µA)
V
R (V)
Lead Length = .375". Thermal Resistance of Heat Sink = 30 / W, V
F = 1.1V Max. @ IF = 200mA
°C
Electrical Characteristics @ 25OC.
1N5256A or B
1N5257A or B
1N5258A or B
1N5259A or B
1N5260A or B
1N5261A or B
1N5262A or B
1N5263A or B
1N5264A or B
1N5265A or B
1N5266A or B
1N5267A or B
1N5268A or B
1N5269A or B
1N5270A or B
1N5271A or B
1N5272A or B
1N5273A or B
1N5274A or B
1N5275A or B
1N5276A or B
1N5277A or B
1N5278A or B
1N5279A or B
1N5280A or B
1N5281A or B
30
33
36
39
43
47
51
56
60
62
68
75
82
87
91
100
110
120
130
140
150
160
170
180
190
200
4.2
3.8
3.4
3.2
3.0
2.7
2.5
2.2
2.1
2.0
1.8
1.7
1.5
1.4
1.4
1.3
1.1
1.0
0.95
0.9
0.85
0.8
0.74
0.68
0.66
0.65
49
58
70
80
93
105
125
150
170
185
230
270
330
370
400
500
750
900
1100
1300
1500
1700
1900
2200
2400
2500
600
700
700
800
900
1000
1100
1300
1400
1400
1600
1700
2000
2200
2300
2600
3000
4000
4500
4500
5000
5500
5500
6000
6500
7000
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
23
25
27
30
33
36
39
43
46
47
52
56
62
68
69
76
84
91
99
106
114
122
129
137
144
152
+ 0.091
+ 0.092
+ 0.093
+ 0.094
+ 0.095
+ 0.095
+ 0.096
+ 0.096
+ 0.097
+ 0.097
+ 0.097
+ 0.098
+ 0.098
+ 0.099
+ 0.099
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
+ 0.11
Nominal Zener
Voltage,
V
Z (V)
Max.
Zener Voltage
Temp. Coeff. (% /oC)
Page 12-4


Numéro de pièce similaire - 1N5223A

FabricantNo de pièceFiches techniqueDescription
logo
First Components Intern...
1N5223A FCI-1N5223A Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5223A NJSEMI-1N5223A Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
Microsemi Corporation
1N5223AUR MICROSEMI-1N5223AUR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
More results

Description similaire - 1N5223A

FabricantNo de pièceFiches techniqueDescription
logo
First Components Intern...
1N5225A FCI-1N5225A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5224A FCI-1N5224A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5221A FCI-1N5221A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5222A FCI-1N5222A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5227A FCI-1N5227A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
1N5228A FCI-1N5228A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
logo
Chenmko Enterprise Co. ...
1N5221PT CHENMKO-1N5221PT Datasheet
132Kb / 4P
   SILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 200V
logo
First Components Intern...
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
BZY47C3V3 FCI-BZY47C3V3 Datasheet
81Kb / 2P
   ZENER DIODES (3.3V to 200V)
BZX55C2V4 FCI-BZX55C2V4 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com