Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC4081W Fiches technique(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

No de pièce 2SC4081W
Description  Silicon NPN transistor in a SOT-323 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Site Internet  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SC4081W Fiches technique(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SC4081W Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4081W Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4081W Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4081W Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4081W Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SC4081W Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2SC4081W
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
回流焊温度曲线图(无铅) / Temperature Profile for IR Reflow Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 245±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:245
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:260±5℃
时间:10±1 sec.
Temp.:260±5℃
Time:10±1 sec
包装规格 / Packaging SPEC.
卷盘包装 / REEL
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Reel
/卷盘
Reels/Inner Box
卷盘
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Reel
Inner Box 盒
Outer Box 箱
SOT-323
3,000
10
30,000
8
240,000
7〞×8
180×120×180
385×257×392
使用说明 / Notices


Numéro de pièce similaire - 2SC4081W

FabricantNo de pièceFiches techniqueDescription
logo
Galaxy Semi-Conductor H...
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
   Silicon Epitaxial Planar Transistor
More results

Description similaire - 2SC4081W

FabricantNo de pièceFiches techniqueDescription
logo
Foshan Blue Rocket Elec...
2SC4083 FOSHAN-2SC4083 Datasheet
580Kb / 5P
   Silicon NPN transistor in a SOT-323 Plastic Package
2SC4097 FOSHAN-2SC4097 Datasheet
756Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
2SC4177 FOSHAN-2SC4177 Datasheet
855Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
2SC4155A FOSHAN-2SC4155A Datasheet
922Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
KTC4076 FOSHAN-KTC4076 Datasheet
747Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
2SC4155 FOSHAN-2SC4155 Datasheet
930Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
2SC1623W FOSHAN-2SC1623W Datasheet
1Mb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
2SC3356W FOSHAN-2SC3356W Datasheet
653Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
BFQ67W FOSHAN-BFQ67W Datasheet
766Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
MMBT2222AW FOSHAN-MMBT2222AW Datasheet
1,004Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
2SD1819A FOSHAN-2SD1819A Datasheet
814Kb / 6P
   Silicon NPN transistor in a SOT-323 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com